Electronic Components Datasheet Search
  English  ▼

X  

AD9260-EB Datasheet(PDF) 6 Page - Analog Devices

Part # AD9260-EB
Description  High Speed Oversampling CMOS ADC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260-EB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9260-EB Datasheet HTML 2Page - Analog Devices AD9260-EB Datasheet HTML 3Page - Analog Devices AD9260-EB Datasheet HTML 4Page - Analog Devices AD9260-EB Datasheet HTML 5Page - Analog Devices AD9260-EB Datasheet HTML 6Page - Analog Devices AD9260-EB Datasheet HTML 7Page - Analog Devices AD9260-EB Datasheet HTML 8Page - Analog Devices AD9260-EB Datasheet HTML 9Page - Analog Devices AD9260-EB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
AD9260
Rev. C | Page 5 of 44
Parameter—Decimation Factor (N)
AD9260(8)
AD9260(4)
AD9260(2)
AD9260(1)
Unit
Input Amplitude = –6.0 dBFS
98
100
91
82
dB typ
INPUT TEST FREQUENCY: 1.0 MHz (typ)
Signal-to-Noise Ratio (SNR)
Input Amplitude = –0.5 dBFS
85
82
74
63
dB typ
Input Amplitude = –6.0 dBFS
80
76
68
58
dB typ
SNR and Distortion (SINAD)
Input Amplitude = –0.5 dBFS
84.5
81
74
63
dB typ
Input Amplitude = –6.0 dBFS
80
76
69
58
dB typ
Total Harmonic Distortion (THD)
Input Amplitude = –0.5 dBFS
–102
–96
–82
–79
dB typ
Input Amplitude = –6.0 dBFS
–96
–94
–84
–77
dB typ
Spurious-Free Dynamic Range (SFDR)
Input Amplitude = –0.5 dBFS
105
98
83
80
dB typ
Input Amplitude = –6.0 dBFS
98
96
87
80
dB typ
INPUT TEST FREQUENCY: 2.0 MHz (typ)
Signal-to-Noise Ratio (SNR)
Input Amplitude = –0.5 dBFS
82
74
63
dB typ
Input Amplitude = –6.0 dBFS
76
68
58
dB typ
SNR and Distortion (SINAD)
Input Amplitude = –0.5 dBFS
81
73
62
dB typ
Input Amplitude = –6.0 dBFS
76
69
58
dB typ
Total Harmonic Distortion (THD)
Input Amplitude = –0.5 dBFS
–101
–80
–75
dB typ
Input Amplitude = –6.0 dBFS
–95
–80
–76
dB typ
Spurious-Free Dynamic Range (SFDR)
Input Amplitude = –0.5 dBFS
104
80
78
dB typ
Input Amplitude = –6.0 dBFS
100
83
79
dB typ
INPUT TEST FREQUENCY: 5.0 MHz (typ)
Signal-to-Noise Ratio (SNR)
Input Amplitude = –0.5 dBFS
59
dB typ
Input Amplitude = –6.0 dBFS
57
dB typ
SNR and Distortion (SINAD)
Input Amplitude = –0.5 dBFS
58
dB typ
Input Amplitude = –6.0 dBFS
57
dB typ
Total Harmonic Distortion (THD)
Input Amplitude = –0.5 dBFS
–58
dB typ
Input Amplitude = –6.0 dBFS
–67
dB typ
Spurious-Free Dynamic Range (SFDR)
Input Amplitude = –0.5 dBFS
59
dB typ
Input Amplitude = –6.0 dBFS
70
dB typ
INTERMODULATION DISTORTION
fIN1 = 475 kHz, fIN2 = 525 kHz
–93
–91
–91
–83
dBFS typ
fIN1 = 950 kHz, fIN2 = 1.050 MHz
–95
–86
–85
–83
dBFS typ
DYNAMIC CHARACTERISTICS
Full Power Bandwidth
75
75
75
75
MHz typ
Small Signal Bandwidth (AIN = –20 dBFS)
75
75
75
75
MHz typ
Aperture Jitter
2
2
2
2
ps rms typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com