Electronic Components Datasheet Search
  English  ▼

X  

AD9260-EB Datasheet(PDF) 12 Page - Analog Devices

Part # AD9260-EB
Description  High Speed Oversampling CMOS ADC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260-EB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9260-EB Datasheet HTML 8Page - Analog Devices AD9260-EB Datasheet HTML 9Page - Analog Devices AD9260-EB Datasheet HTML 10Page - Analog Devices AD9260-EB Datasheet HTML 11Page - Analog Devices AD9260-EB Datasheet HTML 12Page - Analog Devices AD9260-EB Datasheet HTML 13Page - Analog Devices AD9260-EB Datasheet HTML 14Page - Analog Devices AD9260-EB Datasheet HTML 15Page - Analog Devices AD9260-EB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
AD9260
Rev. C | Page 11 of 44
ABSOLUTE MAXIMUM RATINGS
Table 10.
Parameter
Rating
AVDD to AVSS
–0.3 V to +6.5 V
DVDD to DVSS
–0.3 V to +6.5 V
AVSS to DVSS
–0.3 V to +0.3 V
AVDD to DVDD
–6.5 V to +6.5 V
DRVDD to DRVSS
–0.3 V to +6.5 V
DRVSS to AVSS
–0.3 V to +0.3 V
REFCOM to AVSS
–0.3 V to +0.3 V
CLK, MODE, READ, CS, and RESET to
DVSS
–0.3 V to DVDD + 0.3 V
Digital Outputs to DRVSS
–0.3 V to DRVDD + 0.3 V
VINA, VINB, CML, and BIAS to AVSS
–0.3 V to AVDD + 0.3 V
VREF to AVSS
–0.3 V to AVDD + 0.3 V
SENSE to AVSS
–0.3 V to AVDD + 0.3 V
CAPB and CAPT to AVSS
–0.3 V to AVDD + 0.3 V
Junction Temperature
150°C
Storage Temperature
–65°C to +150°C
Lead Temperature (10 s)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum ratings for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
Thermal Resistance
44-Lead MQFP
θJA = 53.2°C/W
θJC = 19°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com