Electronic Components Datasheet Search
  English  ▼

X  

AD73360ASUZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD73360ASUZ
Description  Six-input Channel Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73360ASUZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD73360ASUZ Datasheet HTML 3Page - Analog Devices AD73360ASUZ Datasheet HTML 4Page - Analog Devices AD73360ASUZ Datasheet HTML 5Page - Analog Devices AD73360ASUZ Datasheet HTML 6Page - Analog Devices AD73360ASUZ Datasheet HTML 7Page - Analog Devices AD73360ASUZ Datasheet HTML 8Page - Analog Devices AD73360ASUZ Datasheet HTML 9Page - Analog Devices AD73360ASUZ Datasheet HTML 10Page - Analog Devices AD73360ASUZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
REV.
B
AD73360
–6–
TIMING CHARACTERISTICS
Limit at
Parameter
TA = –40 C to +85 C
Unit
Description
Clock Signals
See Figure 1
t1
61
ns min
MCLK Period
t2
24.4
ns min
MCLK Width High
t3
24.4
ns min
MCLK Width Low
Serial Port
See Figures 3 and 4
t4
t1
ns min
SCLK Period
t5
0.4
× t1
ns min
SCLK Width High
t6
0.4
× t
1
ns min
SCLK Width Low
t7
20
ns min
SDI/SDIFS Setup Before SCLK Low
t8
0
ns min
SDI/SDIFS Hold After SCLK Low
t9
10
ns max
SDOFS Delay from SCLK High
t10
10
ns min
SDOFS Hold After SCLK High
t11
10
ns min
SDO Hold After SCLK High
t12
10
ns max
SDO Delay from SCLK High
t13
30
ns max
SCLK Delay from MCLK
(AVDD = 3 V
10%; DVDD = 3 V
10%; AGND = DGND = 0 V; TA = TMlN to TMAX, unless otherwise
noted)
TIMING CHARACTERISTICS
Limit at
Parameter
TA = –40 C to +85 C
Unit
Description
Clock Signals
See Figure 1
t1
61
ns min
MCLK Period
t2
24.4
ns min
MCLK Width High
t3
24.4
ns min
MCLK Width Low
Serial Port
See Figures 3 and 4
t4
t1
ns min
SCLK Period
t5
0.4
× t
1
ns min
SCLK Width High
t6
0.4
× t1
ns min
SCLK Width Low
t7
20
ns min
SDI/SDIFS Setup Before SCLK Low
t8
0
ns min
SDI/SDIFS Hold After SCLK Low
t9
10
ns max
SDOFS Delay from SCLK High
t10
10
ns min
SDOFS Hold After SCLK High
t11
10
ns min
SDO Hold After SCLK High
t12
10
ns max
SDO Delay from SCLK High
t13
30
ns max
SCLK Delay from MCLK
(AVDD = 5 V
10%; DVDD = 5 V
10%; AGND = DGND = 0 V; TA = TMlN to TMAX, unless otherwise
noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com