Electronic Components Datasheet Search
  English  ▼

X  

AD73360ASUZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD73360ASUZ
Description  Six-input Channel Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73360ASUZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD73360ASUZ Datasheet HTML 5Page - Analog Devices AD73360ASUZ Datasheet HTML 6Page - Analog Devices AD73360ASUZ Datasheet HTML 7Page - Analog Devices AD73360ASUZ Datasheet HTML 8Page - Analog Devices AD73360ASUZ Datasheet HTML 9Page - Analog Devices AD73360ASUZ Datasheet HTML 10Page - Analog Devices AD73360ASUZ Datasheet HTML 11Page - Analog Devices AD73360ASUZ Datasheet HTML 12Page - Analog Devices AD73360ASUZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
REV.
B
AD73360
–8–
ABSOLUTE MAXIMUM RATINGS*
(TA = +25
°C unless otherwise noted)
AVDD, DVDD to GND . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Digital I/O Voltage to DGND . . . . . . –0.3 V to DVDD + 0.3 V
Analog I/O Voltage to AGND . . . . . –0.3 V to AVDD + 0.3 V
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . +150
°C
SOIC,
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . 75°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD73360 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PIN CONFIGURATIONS
R
W-28
SU-44
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD73360
SDO
MCLK
SCLK
RESET
DVDD
DGND
AGND2
VINP2
VINN2
VINP1
VINN1
AVDD2
REFCAP
REFOUT
SDOFS
SDIFS
SDI
SE
AGND1
AVDD1
VINP6
VINN3
VINP3
VINN4
VINP4
VINN6
VINP5
VINN5
3
4
5
6
7
1
2
10
11
8
9
40 39 38
41
42
43
4
3
5
3
6
3
4
4
37
12 13 14 15 16 17 18 19 20 21 22
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
29
30
31
32
33
27
28
25
26
23
24
NC
VINN5
VINP5
NC
VINN6
VINP6
NC
REFOUT
REFCAP
AVDD2
AVDD2
AGND2
AGND2
AGND2
NC = NO CONNECT
AGND2
DGND
DGND
DVDD
AVDD1
AVDD1
AGND1
AGND1
AD73360



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com