Electronic Components Datasheet Search
  English  ▼

X  

SHP Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # SHP
Description  Phase-Angle Controller Solid-State Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

SHP Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  SHP Datasheet HTML 1Page - Teledyne Technologies Incorporated SHP Datasheet HTML 2Page - Teledyne Technologies Incorporated SHP Datasheet HTML 3Page - Teledyne Technologies Incorporated SHP Datasheet HTML 4Page - Teledyne Technologies Incorporated SHP Datasheet HTML 5Page - Teledyne Technologies Incorporated SHP Datasheet HTML 6Page - Teledyne Technologies Incorporated SHP Datasheet HTML 7Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2009 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
SHP Page 1
SHP\012009\Q1
NEW Series SHP
Output to 125A, 480 Vac
Phase-Angle Controller Solid-State Relays
NEW Series SHP
Output to 125A, 480 Vac
Phase-Angle Controller Solid-State Relays
FEATURES/BENEFITS
• Phase angle controller — microcontroller inside
• Analog switching
• Overvoltage protection by varistor
• Green LED for input visualization
• IP20 touch-proof flaps
• Designed in conformity with EN60947-4-3 (IEC947-4-3)
and EN60950/VDE0805 (Reinforced Insulation)
IP20 touch-
proof flaps
Removable input
spring connectors
Gray: Supply
Orange: Analog input
0–10V
SHPXXNXXR relays
SHPXXNXXA relays
ELECTRICAL SPECIFICATIONS
(+25°C ambient temperature unless otherwise specified)
INPUT (CONTROL) SPECIFICATIONS
SHPXXNXXR RELAYS
Min
Max
Units
Control Current Range
4
20
mA
Voltage Range
-0.6
7.5
V
Dynamic Impedance
SHP24N50R
>100
m
Ω
SHP48N75R
150
m
Ω
SHP48N125R
150
m
Ω
Reverse Polarity Protection
Yes
Input Current
50
mA
Part Number
Load Voltage
Load Current
Control Range
Also Requires
SHP24N50A
90–280Vac
50A
0–10Vdc
8-30Vdc Supply
SHP24N50R
90–280Vac
50A
4–20mA
SHP48N75A
200–480Vac
75A
0–10Vdc
8-30Vdc Supply
SHP48N75R
200–480Vac
75A
4–20mA
SHP48N125A
200–480Vac
125A
0–10Vdc
8-30Vdc Supply
SHP48N125R
200–480Vac
125A
4–20mA
ELECTRICAL SPECIFICATIONS
(+25°C ambient temperature unless otherwise specified)
INPUT (CONTROL) SPECIFICATIONS
SHPXXNXXA RELAYS
Min
Max
Units
Control Voltage
8
30
V
Supply Current
12
mA
Reverse Supply Voltage
30
V
Analog Voltage Range
0
10
V
Analog Input Current
100
μA
Reverse Analog Voltage
30
V
Analog Input Impedance (Typ.)
120
k
Ω


Similar Part No. - SHP

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
SHP-01 SOVICO-SHP-01 Datasheet
964Kb / 1P
HDMI JACK PLATE(1CCT)
logo
NEC
SHP-012 NEC-SHP-012 Datasheet
2Mb / 104P
Power Inductors
SHP-013 NEC-SHP-013 Datasheet
2Mb / 104P
Power Inductors
SHP-022 NEC-SHP-022 Datasheet
2Mb / 104P
Power Inductors
SHP-023 NEC-SHP-023 Datasheet
2Mb / 104P
Power Inductors
More results

Similar Description - SHP

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SGT965960 CELDUC-SGT965960 Datasheet
91Kb / 2P
Three Phase Solid State Relays
SVT869994 CELDUC-SVT869994 Datasheet
134Kb / 3P
Three Phase Solid State Relays
SVT965760 CELDUC-SVT965760 Datasheet
128Kb / 3P
Three Phase Solid State Relays
SVT965960 CELDUC-SVT965960 Datasheet
131Kb / 3P
Three Phase Solid State Relays
SVT967360 CELDUC-SVT967360 Datasheet
135Kb / 3P
Three Phase Solid State Relays
SWT860390 CELDUC-SWT860390 Datasheet
133Kb / 3P
Three Phase Solid State Relays
SWT862030 CELDUC-SWT862030 Datasheet
158Kb / 3P
Three Phase Solid State Relays
logo
Powersem GmbH
PSB1SJDA241000 POWERSEM-PSB1SJDA241000 Datasheet
125Kb / 2P
Single Phase Solid State Relays
PSB1SJDA481000 POWERSEM-PSB1SJDA481000 Datasheet
125Kb / 2P
Single Phase Solid State Relays
PSD12D100V660V POWERSEM-PSD12D100V660V Datasheet
92Kb / 2P
Three Phase Solid State Relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com