Electronic Components Datasheet Search
  English  ▼

X  

SHP Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # SHP
Description  Phase-Angle Controller Solid-State Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

SHP Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  SHP Datasheet HTML 1Page - Teledyne Technologies Incorporated SHP Datasheet HTML 2Page - Teledyne Technologies Incorporated SHP Datasheet HTML 3Page - Teledyne Technologies Incorporated SHP Datasheet HTML 4Page - Teledyne Technologies Incorporated SHP Datasheet HTML 5Page - Teledyne Technologies Incorporated SHP Datasheet HTML 6Page - Teledyne Technologies Incorporated SHP Datasheet HTML 7Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SHP Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2009 TELEDYNE RELAYS
SHP\012009\Q1
NEW Series SHP
Output to 125A, 480 Vac
Phase-Angle Controller Solid-State Relays
NEW Series SHP
Output to 125A, 480 Vac
Phase-Angle Controller Solid-State Relays
MECHANICAL SPECIFICATION
Figure 2b — SHPXXNXXR relays
1.18
(30) max
Ø0.185
(4.7)
1.32
(33.6)
Control
–
+
1/L1
2/T1
Supply
–
+
1.10 (28)
1.77
(45) max
Dimensions in inches (mm)
Weight: 2.29 oz. (65g)
1.77 (45) max
1.18
(30) max
1.00 (25.4)
M4
M5
1/L1
2/T1
4/A2
3/A1
Ø4.7
Dimensions in inches (mm)
Weight: 2.29 oz. (65g)
1.10 (28)
Figure 2a — SHPXXNXXA relays
TYPICAL APPLICATION
Figure 1a — SHPXXNXXA relays
Figure 1b — SHPXXNXXR relays
Load
Phase
Neutral
Analog control
4-20mA
Load
Phase
Neutral
Supply
8-30Vdc
Analog input
0-10Vdc



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com