Electronic Components Datasheet Search
  English  ▼

X  

PE3205 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3205
Description  7/16 DIN Male to 7/16 DIN Male Cable Using RG393 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3205 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3205 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3205 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3205 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3205 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Number of Shields
2
Shield Layer 1
Silver Plated Copper Braid
Shield Layer 2
Silver Plated Copper Braid
Jacket Material
FEP, Tan
Jacket Diameter
0.39 in [9.91 mm]
.
Connectors
Description
Connector 1
Connector 2
Type
7/16 DIN Male
7/16 DIN Male
Specification
IEC 169-4
IEC 169-4
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Brass/Beryllium Copper, Gold
Brass/Beryllium Copper, Gold
Contact Plating Specification
30µ in. minimum
30µ in. minimum
Dielectric Type
Teflon
Teflon
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100µ in. minimum
100µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
100µ in. minimum
Hex Size
32 mm
32 mm
Torque
18 ft-lbs [24.41 Nm]
18 ft-lbs [24.41 Nm]
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE3205 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male to 7/16 DIN Male Cable Using RG393 Coax PE3205
RF Cable Assemblies Technical Data Sheet
PE3205
7/16 DIN Male to 7/16 DIN Male Cable Using RG393 Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com