Electronic Components Datasheet Search
  English  ▼

X  

PE3205 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3205
Description  7/16 DIN Male to 7/16 DIN Male Cable Using RG393 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3205 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3205 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3205 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3205 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3205 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: 7/16 DIN Male
• Connector 2: 7/16 DIN Male
• Cable Type: RG393
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
7.5
GHz
VSWR
1.5:1
Capacitance
29.4 [96.46]
pF/ft [pF/m]
Operating Voltage (AC)
500
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.25
0.5
1
2.5
7.5
GHz
dB/m
Insertion Loss (Typ.)
0.03
0.045
0.075
0.12
0.28
dB/ft
0.1
0.15
0.25
0.39
0.92
dB/m
.
Electrical Specification Notes:
Insertion Loss does not include the loss of the connectors. Insertion Loss is estimated as .1dB x SQRT (Frequency
GHz) per connector.
Mechanical Specifications
Cable Assembly
Diameter
1.25 in [31.75 mm]
.
Weight
0.654 lbs [296.65 g]
Cable
Cable Type
RG393
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
PTFE
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male to 7/16 DIN Male Cable Using RG393 Coax PE3205
PE3205 REV 1.1
7/16 DIN Male to 7/16 DIN Male Cable Using RG393 Coax
RF Cable Assemblies Technical Data Sheet
PE3205


Similar Part No. - PE3205

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3205-12 PASTERNACK-PE3205-12 Datasheet
353Kb / 4P
7/16 DIN Male to 7/16 DIN Male Cable 12 Inch Length Using RG393 Coax
PE3205-24 PASTERNACK-PE3205-24 Datasheet
353Kb / 4P
7/16 DIN Male to 7/16 DIN Male Cable 24 Inch Length Using RG393 Coax
PE3205-36 PASTERNACK-PE3205-36 Datasheet
353Kb / 4P
7/16 DIN Male to 7/16 DIN Male Cable 36 Inch Length Using RG393 Coax
PE3205-48 PASTERNACK-PE3205-48 Datasheet
353Kb / 4P
7/16 DIN Male to 7/16 DIN Male Cable 48 Inch Length Using RG393 Coax
PE3205-60 PASTERNACK-PE3205-60 Datasheet
353Kb / 4P
7/16 DIN Male to 7/16 DIN Male Cable 60 Inch Length Using RG393 Coax
More results

Similar Description - PE3205

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3205-12 PASTERNACK-PE3205-12 Datasheet
353Kb / 4P
7/16 DIN Male to 7/16 DIN Male Cable 12 Inch Length Using RG393 Coax
PE3205-24 PASTERNACK-PE3205-24 Datasheet
353Kb / 4P
7/16 DIN Male to 7/16 DIN Male Cable 24 Inch Length Using RG393 Coax
PE3205-36 PASTERNACK-PE3205-36 Datasheet
353Kb / 4P
7/16 DIN Male to 7/16 DIN Male Cable 36 Inch Length Using RG393 Coax
PE3205-48 PASTERNACK-PE3205-48 Datasheet
353Kb / 4P
7/16 DIN Male to 7/16 DIN Male Cable 48 Inch Length Using RG393 Coax
PE3205-72 PASTERNACK-PE3205-72 Datasheet
353Kb / 4P
7/16 DIN Male to 7/16 DIN Male Cable 72 Inch Length Using RG393 Coax
PE3205LF-12 PASTERNACK-PE3205LF-12 Datasheet
353Kb / 4P
7/16 DIN Male to 7/16 DIN Male Cable 12 Inch Length Using RG393 Coax
PE3205LF-36 PASTERNACK-PE3205LF-36 Datasheet
353Kb / 4P
7/16 DIN Male to 7/16 DIN Male Cable 36 Inch Length Using RG393 Coax
PE3205LF-48 PASTERNACK-PE3205LF-48 Datasheet
353Kb / 4P
7/16 DIN Male to 7/16 DIN Male Cable 48 Inch Length Using RG393 Coax
PE3205LF-60 PASTERNACK-PE3205LF-60 Datasheet
353Kb / 4P
7/16 DIN Male to 7/16 DIN Male Cable 60 Inch Length Using RG393 Coax
PE3205LF-72 PASTERNACK-PE3205LF-72 Datasheet
353Kb / 4P
7/16 DIN Male to 7/16 DIN Male Cable 72 Inch Length Using RG393 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com