Electronic Components Datasheet Search
  English  ▼

X  

PE3218 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3218
Description  N Male to 7/16 DIN Male Cable Using RG214 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3218 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3218 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3218 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3218 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3218 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Shield Layer 2
Silver Plated Copper Braid
Jacket Material
PVC
Jacket Diameter
0.425 in [10.8 mm]
Connectors
Description
Connector 1
Connector 2
Type
N Male
7/16 DIN Male
Specification
MIL-STD-348A
IEC 169-4
Impedance
50 Ohms
50 Ohms
Connection Method
Standard
Standard
Contact Material and Plating
Brass, Gold
Brass/Beryllium Copper, Gold
Contact Plating Specification
30µ in. minimum
30µ in. minimum
Dielectric Type
Teflon
Teflon
Coupling Nut Material and Plating
Brass, Nickel
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
100µ in. minimum
Hex Size
32 mm
Torque
[ ]
18 ft-lbs [24.41 Nm]
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100µ in. minimum
100µ in. minimum
.
Environmental Specifications
Compliance Certifications (visit www.Pasternack.com for current document)
For RoHS Compliant version, use PE3218LF. Contact Pasternack if product cannot be found.
REACH Compliant
06/18/2012
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE3218 REV
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to 7/16 DIN Male Cable Using RG214 Coax PE3218
N Male to 7/16 DIN Male Cable Using RG214 Coax
RF Cable Assemblies - PE3218



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com