Electronic Components Datasheet Search
  English  ▼

X  

PE3218 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3218
Description  N Male to 7/16 DIN Male Cable Using RG214 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3218 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3218 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3218 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3218 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3218 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: N Male
• Connector 2: 7/16 DIN Male
• Cable Type: RG214
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
7.5
GHz
Velocity of Propagation
65.9
%
Capacitance
30.8 [101.05]
pF/ft [pF/m]
Operating Voltage (AC)
500
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.25
0.5
1
2.5
7.5
GHz
Insertion Loss
0.229
0.244
0.273
0.325
0.456
dB/ft
[0.75]
[0.8]
[0.9]
[1.07]
[1.5]
[dB/m]
.
Mechanical Specifications
Cable Assembly
Diameter
1.25 in [31.75 mm]
.
Weight
0.456 lbs [206.84 g]
Cable Color
Black
Connection Type
Between Series
One Time Minimum Bend Radius
1.57 in [39.88 mm]
Cable
Cable Type
RG214
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
PE (LD)
Number of Shields
2
Shield Layer 1
Silver Plated Copper Braid
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to 7/16 DIN Male Cable Using RG214 Coax PE3218
PE3218 REV
N Male to 7/16 DIN Male Cable Using RG214 Coax
RF Cable Assemblies - PE3218


Similar Part No. - PE3218

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3218-12 PASTERNACK-PE3218-12 Datasheet
355Kb / 4P
N Male to 7/16 DIN Male Cable 12 Inch Length Using RG214 Coax
PE3218-24 PASTERNACK-PE3218-24 Datasheet
355Kb / 4P
N Male to 7/16 DIN Male Cable 24 Inch Length Using RG214 Coax
PE3218-36 PASTERNACK-PE3218-36 Datasheet
356Kb / 4P
N Male to 7/16 DIN Male Cable 36 Inch Length Using RG214 Coax
PE3218-48 PASTERNACK-PE3218-48 Datasheet
355Kb / 4P
N Male to 7/16 DIN Male Cable 48 Inch Length Using RG214 Coax
PE3218-60 PASTERNACK-PE3218-60 Datasheet
356Kb / 4P
N Male to 7/16 DIN Male Cable 60 Inch Length Using RG214 Coax
More results

Similar Description - PE3218

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3218-36 PASTERNACK-PE3218-36 Datasheet
356Kb / 4P
N Male to 7/16 DIN Male Cable 36 Inch Length Using RG214 Coax
PE3218-60 PASTERNACK-PE3218-60 Datasheet
356Kb / 4P
N Male to 7/16 DIN Male Cable 60 Inch Length Using RG214 Coax
PE3218LF-12 PASTERNACK-PE3218LF-12 Datasheet
372Kb / 4P
N Male to 7/16 DIN Male Cable 12 Inch Length Using RG214 Coax
PE3218LF-24 PASTERNACK-PE3218LF-24 Datasheet
372Kb / 4P
N Male to 7/16 DIN Male Cable 24 Inch Length Using RG214 Coax
PE3218LF-36 PASTERNACK-PE3218LF-36 Datasheet
372Kb / 4P
N Male to 7/16 DIN Male Cable 36 Inch Length Using RG214 Coax
PE3218LF-48 PASTERNACK-PE3218LF-48 Datasheet
372Kb / 4P
N Male to 7/16 DIN Male Cable 48 Inch Length Using RG214 Coax
PE3218LF-60 PASTERNACK-PE3218LF-60 Datasheet
372Kb / 4P
N Male to 7/16 DIN Male Cable 60 Inch Length Using RG214 Coax
PE3218-24 PASTERNACK-PE3218-24 Datasheet
355Kb / 4P
N Male to 7/16 DIN Male Cable 24 Inch Length Using RG214 Coax
PE3218-48 PASTERNACK-PE3218-48 Datasheet
355Kb / 4P
N Male to 7/16 DIN Male Cable 48 Inch Length Using RG214 Coax
PE3218-72 PASTERNACK-PE3218-72 Datasheet
356Kb / 4P
N Male to 7/16 DIN Male Cable 72 Inch Length Using RG214 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com