Electronic Components Datasheet Search
  English  ▼

X  

PE3338 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3338
Description  SHV Plug to SHV Plug Cable Using RG393 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3338 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3338 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3338 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3338 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3338 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Jacket Material
FEP, Tan
Jacket Diameter
0.39 in [9.91 mm]
.
One Time Minimum Bend Radius
3.9 in [99.06 mm]
Connectors
Description
Connector 1
Connector 2
Type
SHV Plug
SHV Plug
Specification
MIL-STD-348A
MIL-STD-348A
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Brass, Gold
Brass, Gold
Contact Plating Specification
30µ in. minimum
30µ in. minimum
Dielectric Type
Teflon
Teflon
Coupling Nut Material and Plating
Brass, Nickel
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
100µ in. minimum
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100µ in. minimum
100µ in. minimum
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE3338 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SHV Plug to SHV Plug Cable Using RG393 Coax PE3338
RF Cable Assemblies Technical Data Sheet
PE3338
SHV Plug to SHV Plug Cable Using RG393 Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com