Electronic Components Datasheet Search
  English  ▼

X  

PE3338 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3338
Description  SHV Plug to SHV Plug Cable Using RG393 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3338 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3338 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3338 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3338 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3338 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SHV Plug
• Connector 2: SHV Plug
• Cable Type: RG393
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
300
MHz
RF Shielding
60
dB
Capacitance
29.4 [96.46]
pF/ft [pF/m]
Operating Voltage (AC)
3,500
Vrms
Dielectric Withstanding Voltage (AC)
5,000
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
50
100
250
500
1,000
MHz
Insertion Loss (Max.)
0.21
0.22
0.23
0.25
0.28
dB/ft
[0.69]
[0.72]
[0.75]
[0.82]
[0.92]
[dB/m]
.
Mechanical Specifications
Cable Assembly
Diameter
0.57 in [14.48 mm]
.
Weight
0.269 lbs [122.02 g]
Cable
Cable Type
RG393
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
PTFE
Number of Shields
2
Shield Layer 1
Silver Plated Copper Braid
Shield Layer 2
Silver Plated Copper Braid
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SHV Plug to SHV Plug Cable Using RG393 Coax PE3338
PE3338 REV 1.1
SHV Plug to SHV Plug Cable Using RG393 Coax
RF Cable Assemblies Technical Data Sheet
PE3338


Similar Part No. - PE3338

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3338-12 PASTERNACK-PE3338-12 Datasheet
354Kb / 4P
SHV Plug to SHV Plug Cable 12 Inch Length Using RG393 Coax
PE3338-24 PASTERNACK-PE3338-24 Datasheet
354Kb / 4P
SHV Plug to SHV Plug Cable 24 Inch Length Using RG393 Coax
PE3338-36 PASTERNACK-PE3338-36 Datasheet
354Kb / 4P
SHV Plug to SHV Plug Cable 36 Inch Length Using RG393 Coax
PE3338-60 PASTERNACK-PE3338-60 Datasheet
354Kb / 4P
SHV Plug to SHV Plug Cable 60 Inch Length Using RG393 Coax
PE3338-72 PASTERNACK-PE3338-72 Datasheet
354Kb / 4P
SHV Plug to SHV Plug Cable 72 Inch Length Using RG393 Coax
More results

Similar Description - PE3338

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34421 PASTERNACK-PE34421 Datasheet
357Kb / 4P
SHV Plug to SHV Plug Cable Using RG225 Coax
PE34421-36 PASTERNACK-PE34421-36 Datasheet
354Kb / 4P
SHV Plug to SHV Plug Cable 36 Inch Length Using RG225 Coax
PE34421-60 PASTERNACK-PE34421-60 Datasheet
354Kb / 4P
SHV Plug to SHV Plug Cable 60 Inch Length Using RG225 Coax
PE3338LF PASTERNACK-PE3338LF Datasheet
358Kb / 4P
SHV Plug to SHV Plug Cable Using RG393 Coax, RoHS
PE3338-12 PASTERNACK-PE3338-12 Datasheet
354Kb / 4P
SHV Plug to SHV Plug Cable 12 Inch Length Using RG393 Coax
PE3338-24 PASTERNACK-PE3338-24 Datasheet
354Kb / 4P
SHV Plug to SHV Plug Cable 24 Inch Length Using RG393 Coax
PE3338-36 PASTERNACK-PE3338-36 Datasheet
354Kb / 4P
SHV Plug to SHV Plug Cable 36 Inch Length Using RG393 Coax
PE3338-60 PASTERNACK-PE3338-60 Datasheet
354Kb / 4P
SHV Plug to SHV Plug Cable 60 Inch Length Using RG393 Coax
PE3338-72 PASTERNACK-PE3338-72 Datasheet
354Kb / 4P
SHV Plug to SHV Plug Cable 72 Inch Length Using RG393 Coax
PE3338LF-12 PASTERNACK-PE3338LF-12 Datasheet
354Kb / 4P
SHV Plug to SHV Plug Cable 12 Inch Length Using RG393 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com