Electronic Components Datasheet Search
  English  ▼

X  

C14605 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C14605
Description  HighBay Lens array
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14605 Datasheet(HTML) 1 Page - Ledil, Inc.

  C14605 Datasheet HTML 1Page - Ledil, Inc. C14605 Datasheet HTML 2Page - Ledil, Inc. C14605 Datasheet HTML 3Page - Ledil, Inc. C14605 Datasheet HTML 4Page - Ledil, Inc. C14605 Datasheet HTML 5Page - Ledil, Inc. C14605 Datasheet HTML 6Page - Ledil, Inc. C14605 Datasheet HTML 7Page - Ledil, Inc. C14605 Datasheet HTML 8Page - Ledil, Inc. C14605 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
PRODUCT DATASHEET
HighBay series
last update 21/4/2016
DETAILS
Product Number
C14605_HB-2X2-RW
Family
HighBay
Type
Lens array
Color
clear
Diameter
50x50 mm
Height
8,5 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
pin, screw
Status
production ready
ROHS Compliant
Yes
Date Updated
21/04/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
SMD 5050
56 deg
Wide
94 %
0.940
-
XP-L
sim: 55
Wide
sim: 93 % sim: 1.080 -
XM-L
sim: 54
Wide
sim: 92 % sim: 1.180 -
XHP35 HD
sim: 59
Wide
sim: 91 % sim: 1.000 -
XHP35 HI
sim: 52
Wide
sim: 93 % sim: 1.400 -
XP-G3
48 deg
Wide
86 %
1.200
-
XP-L2
52 deg
Wide
92 %
1.000
-
XD16
44 deg
Wide
90 %
1.400
-
XD16 2x2 cluster
54 deg
Wide
92 %
0.920
-
LUXEON 5050
55 deg
Wide
94 %
0.990
-
LUXEON V
52 deg
Wide
93 %
1.100
-
NVSW3x9A
50 deg
Wide
93 %
1.200
-
Duris S8
sim: 53
Wide
sim: 91 % sim: 1.100 -
Oslon Square Gen3
49 deg
Wide
94 %
1.300
-
OSCONIQ P 3737 (3W version)
sim: 52
Wide
sim: 94 % sim: 1.350 -
PrevaLED Brick DC 2x8
49 deg
Wide
94 %
1.300
-
Fortimo FastFlex LED board 2x8 DA G4 45 deg
Wide
93 %
1.400
-
Fortimo FastFlex LED board 2x8 DAX G4sim: 51
Wide
sim: 94 % sim: 1.300 -
LH351B
45 deg
Wide
86 %
1.320
-
LH351D
49 deg
Wide
94 %
sim: 1.200 -
LH508A
56 deg
Wide
93 %
0.950
-
Z8Y22P
48 deg
Wide
92 %
1.200
-
Z8Y19 2x2 cluster
54 deg
Wide
92 %
0.840
-
SMJQ-D48W16AA-XX
54 deg
Wide
92 %
0.840
-
RLE G1 49x223mm 4000lm xxx EXC OTD
46 deg
Wide
94 %
1.400
-
January 25th 2018 8:16 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C14605

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C14605 CREE-C14605 Datasheet
2Mb / 35P
HighBay series
More results

Similar Description - C14605

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12361 LEDIL-C12361 Datasheet
7Mb / 123P
HighBay Lens array
C13232 LEDIL-C13232 Datasheet
3Mb / 52P
HighBay Lens array
C13233 LEDIL-C13233 Datasheet
3Mb / 58P
HighBay Lens array
C13237 LEDIL-C13237 Datasheet
2Mb / 33P
HighBay Lens array
C13239 LEDIL-C13239 Datasheet
2Mb / 33P
HighBay Lens array
C13605 LEDIL-C13605 Datasheet
3Mb / 47P
HighBay Lens array
C14541 LEDIL-C14541 Datasheet
3Mb / 53P
HighBay Lens array
C14606 LEDIL-C14606 Datasheet
3Mb / 66P
HighBay Lens array
C14607 LEDIL-C14607 Datasheet
3Mb / 62P
HighBay Lens array
C15925 LEDIL-C15925 Datasheet
1Mb / 21P
HighBay Lens array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com