Electronic Components Datasheet Search
  English  ▼

X  

C14605 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # C14605
Description  HighBay Lens array
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14605 Datasheet(HTML) 2 Page - Ledil, Inc.

  C14605 Datasheet HTML 1Page - Ledil, Inc. C14605 Datasheet HTML 2Page - Ledil, Inc. C14605 Datasheet HTML 3Page - Ledil, Inc. C14605 Datasheet HTML 4Page - Ledil, Inc. C14605 Datasheet HTML 5Page - Ledil, Inc. C14605 Datasheet HTML 6Page - Ledil, Inc. C14605 Datasheet HTML 7Page - Ledil, Inc. C14605 Datasheet HTML 8Page - Ledil, Inc. C14605 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
PRODUCT DATASHEET
HighBay series
last update 21/4/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
RLE G1 49x245mm 4000lm xxx EXC OTD
46 deg
Wide
94 %
1.400
-
RLE G1 49x121mm 2000lm xxx EXC OTD
46 deg
Wide
94 %
1.400
-
RLE G1 49x133mm 2000lm xxx EXC OTD
46 deg
Wide
94 %
1.400
-
January 25th 2018 8:16 Copyright Ledil Oy - Subject to change without prior notice - Page 2/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com