Electronic Components Datasheet Search
  English  ▼

X  

TDS2012 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TDS2012
Description  Digital Storage Oscilloscopes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TDS2012 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  TDS2012 Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS2012 Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS2012 Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS2012 Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS2012 Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS2012 Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS2012 Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS2012 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Digital Storage Oscilloscopes • TDS1000 and TDS2000 Series •
www.tektronix.com/tds2000
6
Digital Storage Oscilloscopes
TDS1002 • TDS1012 • TDS2002 • TDS2012 • TDS2014 • TDS2022 • TDS2024
Environmental and Safety
Temperature –
Operating: 0 ºC to +50 ºC.
Nonoperating: –40 ºC to +71 ºC.
Humidity –
Operating and Nonoperating: up to 90% RH
at or below +30 ºC.
Operating: up to 60% RH up to 50 ºC.
Nonoperating: up to 60% RH up to 55 ºC.
Altitude – Operating and Nonoperating: up to
3,000 m.
Electromagnetic Compatibility – Meets Directive
89/336/EEC, amended by 93/68/EEC, meets
or exceeds EN55011 Class A Radiated and
Conducted Emissions; FCC 47 CFR, Part 15,
Subpart B, Class A; Australian EMC Framework,
demonstrated per Emission Standard AS/NZS
2064; Russian GOST EMC regulations.
Safety – UL3111-1, CSA1010.1, IEC61010-1,
EN61010-1.
Physical Characteristics
INSTRUMENT
Dimensions
mm
in.
Width
323.8
12.75
Height
151.4
5.96
Depth
124.5
4.90
Weight
kg
lbs.
Instrument only
2.0
4.4
with accessories
2.2
4.9
INSTRUMENT SHIPPING
Package Dimensions
mm
in.
Width
476.2
18.75
Height
266.7
10.50
Depth
228.6
9.00
RM2000 RACKMOUNT
Dimensions
mm
in.
Width
482.6
19.00
Height
177.8
7.00
Depth
108.0
4.25
Ordering Information
TDS1002, TDS1012, TDS2002,
TDS2012, TDS2014, TDS2022,
TDS2024
Standard Accessories
Probes – P2220 200 MHz 10X - 1X Switchable
Passive Probes (one per channel).
Documentation – User manual.
Power cord.
NIM/NIST-Traceable Certificate of Calibration.
Please specify the power plug and language
options when ordering.
Recommended Accessories
TDS2CMAX – Communication Module (GPIB,
RS-232, Centronics-type Printer Port) includes:
TDSPCS1 OpenChoice™ PC Communication
Software, RS-232 cable (012-1651-00),
Programmers manual.
TDS2MEM – Storage Memory and Communication
Module (RS-232, Centronics-type Printer Port)
includes: Type 1 CompactFlash
® memory card
(156-9413-00), CompactFlash to USB Memory
Card Reader (119-6827-00), TDSPCS1
OpenChoice PC Communication Software,
RS-232 cable (012-1651-00), Programmers
manual.
Nonvolatile Storage
Nonvolatile
Standard
Optional TDS2MEM
Storage
Storage Memory and
Communication Module*4
Reference Waveform Display
Two 2500 point reference waveforms
Same as instrument only
Waveform Storage
2 Channel Models
4 Channel Models
96 or more reference waveforms per 8 MB
Two 2500 point reference waveforms
Four 2500 point reference waveforms
Setups
10 front panel setups
4000 or more front panel setups per 8 MB
Screen Images
N/A
128 or more screen images per 8 MB
(the number of images
depends on file format selected)
Save All
N/A
12 or more Save All operations per 8 MB.
A single Save All operation creates
2 to 9 files (setup, image, plus one file
for each displayed waveform)
*4Supplied with Type 1 CompactFlash
® memory card, storage capacity 8 MB or greater.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com