Electronic Components Datasheet Search
  English  ▼

X  

TDS2012 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TDS2012
Description  Digital Storage Oscilloscopes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TDS2012 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TDS2012 Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS2012 Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS2012 Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS2012 Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS2012 Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS2012 Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS2012 Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS2012 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features & Benefits
60 MHz, 100 MHz, and
200 MHz Bandwidths
Sample Rates up to 2 GS/s
2 or 4 Channels
Color or Monochrome
LCD Display
CompactFlash
® Mass
Storage Option with
TDS2MEM Module
Autoset Menu with
Waveform Selection
Probe Check Wizard to
Ensure Correct Probe Usage
Context-sensitive Help
Dual Time Base
Advanced Triggers,
Including Pulse Width
Trigger and Line-Selectable
Video Trigger
11 Automatic Measurements
Multi-language User Interface
Waveform and
Setup Memories
FFT Standard on All Models
OpenChoice™ Solutions
Speed Documentation and
Analysis of Measurement
Results
– TDS2CMAX Communication
Module
– TDS2MEM Storage Memory
and Communication Module
– TDSPCS1 OpenChoice
Software
–WaveStar™ Software
– Integration with
Third-party Software
Applications
Design and Debug
Education and Training
Manufacturing Test
and Quality Control
Service and Repair
Digital Storage Oscilloscopes
TDS1002 • TDS1012 • TDS2002 • TDS2012 • TDS2014 • TDS2022 • TDS2024
TDS1000 and TDS2000 Series Oscilloscopes.
Colorful Performance at a Black and White Price.
Digital Storage Oscilloscopes • TDS1000 and TDS2000 Series •
www.tektronix.com/tds2000
1
The TDS1000 Series and TDS2000 Series
digital storage oscilloscopes deliver an
unbeatable combination of superior
performance, unmatched ease-of-use,
and affordability in an ultra lightweight,
portable package.
Affordable Digital Precision
With up to 200 MHz bandwidth and 2 GS/s
maximum sample rate, no other color digital
storage oscilloscope offers as much band-
width and sample rate for the price. The
TDS1000 and TDS2000 Series oscilloscopes
provide accurate real-time acquisition up to
their full bandwidth, advanced triggers to
isolate signals of interest, and 11 standard
automatic measurements on all models.
Their Fast Fourier Transform (FFT) math
function allows the user to analyze, charac-
terize and troubleshoot circuits by viewing
frequency and signal strength (standard
on all models).


Similar Part No. - TDS2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDS2012B ETC1-TDS2012B Datasheet
429Kb / 8P
Digital Storage Oscilloscopes
TDS2012C ETC2-TDS2012C Datasheet
1Mb / 12P
Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TDS2012C TEKTRONIX-TDS2012C Datasheet
930Kb / 10P
Digital Storage Oscilloscopes
More results

Similar Description - TDS2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
Digital Storage Oscilloscopes
TDS1000B ETC1-TDS1000B Datasheet
429Kb / 8P
Digital Storage Oscilloscopes
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
Digital Storage Oscilloscopes
TDS2000C ETC2-TDS2000C Datasheet
1Mb / 12P
Digital Storage Oscilloscopes
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TBS1000B TEKTRONIX-TBS1000B Datasheet
936Kb / 12P
Digital Storage Oscilloscopes
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
Digital Phosphor Oscilloscopes
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
Digital Storage Oscilloscopes
TPS2000B TEKTRONIX-TPS2000B Datasheet
815Kb / 14P
Digital Storage Oscilloscopes
logo
B&K Precision Corporati...
2560 BK-2560 Datasheet
3Mb / 7P
Digital Storage and Mixed Signal Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com