Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5471 Datasheet(PDF) 53 Page - Texas Instruments

Part # TMS320VC5471
Description  Fixed-Point Digital Signal Processor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5471 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320VC5471 Datasheet HTML 49Page - Texas Instruments TMS320VC5471 Datasheet HTML 50Page - Texas Instruments TMS320VC5471 Datasheet HTML 51Page - Texas Instruments TMS320VC5471 Datasheet HTML 52Page - Texas Instruments TMS320VC5471 Datasheet HTML 53Page - Texas Instruments TMS320VC5471 Datasheet HTML 54Page - Texas Instruments TMS320VC5471 Datasheet HTML 55Page - Texas Instruments TMS320VC5471 Datasheet HTML 56Page - Texas Instruments TMS320VC5471 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 97 page
background image
MCU Subsystem Functional Overview
44
June 2001 – Revised December 2002
SPRS180C
4.6.2 DSP Boot Mode
When the DSP comes out of reset, it begins execution from 0xFF80. It can execute code either from external
memory or from internal memory, depending on the value of the DSP_MPNMC bit in the MCU’s
DSP_PLL_REG register. Once the appropriate mode is set, and, if necessary, code is downloaded via the
API module, the MCU may release the DSP subsystem from reset by clearing the DSP_RESET bit in the MCU
subsystem’s CLKM _CNTL _RST register.
For the case where DSP execution starts from internal memory, the MCU should download the appropriate
DSP code via the API interface (before releasing the DSP from reset). This is done by properly setting the
DSP_MPNMC and DSP_APIBN bits in the DSP_PLL_REG MCU memory-mapped register, and then
downloading the code via the API interface. The DSP_APIBN bit, when 0, causes the 2K-word block of DSP
data memory at 0x3800–0x3FFF to appear also in DSP program space beginning at 0xF800.
Table 4–6 shows the combinations of the DSP_PLL_REG register DSP_MPNMC and DSP_APIBN bits that
control where the DSP fetches code immediately following release of DSP reset.
Table 4–6. DSP Boot Memory
DSP_MPNMC
DSP_APIBN
DSP BOOT MEMORY AT DSP PROGRAM SPACE ADDRESS 0xFF80
0
0
Shadow of the API-accessible on-chip data-space RAM
0
1
On-chip program-only RAM which is not accessible to the API module
1
0
Shadow of the API-accessible on-chip Data-space RAM
1
1
External DSP memory
4.6.3 Emulation Support
The 5471 provides flexible emulation capabilities. It supports both TI’s emulation tools and tools developed
by third parties.
Since the emulation tools may understand both the C54x
 DSP core and the ARM7TDMIE core, or just the
C54x
 DSP core, just the ARM7TDMIE core, or just the ARM7TDMI core, multiple emulation modes are
required. To allow configuration of the internal JTAG chains used by the various emulators, the 5471 samples
the EMU1 and EMU0 pins at TRST rising edge. Based on the values of these pins, the internal scan chain
is configured for different emulation modes. These modes are summarized in Table 4–7.
Table 4–7. Emulation Mode Selection
Values at TRST Rising Edge
SCAN CHAIN ORDER
EMU0
EMU1
SCAN CHAIN ORDER
0
0
Only the ARM7TDMIE core is in the chain. (This is also the mode for tools which only understand
the ARM7TDMI core.)
0
1
Only the C54x
DSP core is in the chain
1
0
Reserved
1
1
ARM7TDMIE core followed by C54x
DSP core followed by ASIC Logic test access port (TAP)
controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com