Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5471 Datasheet(PDF) 63 Page - Texas Instruments

Part # TMS320VC5471
Description  Fixed-Point Digital Signal Processor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5471 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320VC5471 Datasheet HTML 59Page - Texas Instruments TMS320VC5471 Datasheet HTML 60Page - Texas Instruments TMS320VC5471 Datasheet HTML 61Page - Texas Instruments TMS320VC5471 Datasheet HTML 62Page - Texas Instruments TMS320VC5471 Datasheet HTML 63Page - Texas Instruments TMS320VC5471 Datasheet HTML 64Page - Texas Instruments TMS320VC5471 Datasheet HTML 65Page - Texas Instruments TMS320VC5471 Datasheet HTML 66Page - Texas Instruments TMS320VC5471 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 97 page
background image
Electrical Specifications
54
June 2001 – Revised December 2002
SPRS180C
6.6.2 Memory Write
Table 6–8 assumes testing over recommended operating conditions with DSP_MSTRB = 0 and H = 0.5tc(CO)
(see Figure 6–5).
Table 6–8. Memory Write Switching Characteristics†
PARAMETER
MIN
MAX
UNIT
td(CLKH-A)
Delay time, DSP_CLKOUT high to address valid‡
1.5
11.5
ns
td(CLKL-A)
Delay time, DSP_CLKOUT low to address valid§
1.5
11.5
ns
td(CLKL-MSL)
Delay time, DSP_CLKOUT low to DSP_MSTRB low
1.5
11.5
ns
td(CLKL-D)W
Delay time, DSP_CLKOUT low to data valid
1.5
11.5
ns
td(CLKL-MSH)
Delay time, DSP_CLKOUT low to DSP_MSTRB high
1.5
11.5
ns
td(CLKH-RWL)
Delay time, DSP_CLKOUT high to DSP_R/W low
1.5
11.5
ns
td(CLKH-RWH)
Delay time, DSP_CLKOUT high to DSP_R/W high
1.5
11.5
ns
td(RWL-MSTRBL)
Delay time, DSP_R/W low to DSP_MSTRB low
H – 3
H + 3
ns
th(A)W
Hold time, address valid after DSP_CLKOUT high‡
1.5
11.5
ns
th(D)MSH
Hold time, write data valid after DSP_MSTRB high
H–3
H+3§
ns
tw(SL)MS
Pulse duration, DSP_MSTRB low
2H–3
ns
tsu(A)W
Setup time, address valid before DSP_MSTRB low
2H–3
ns
tsu(D)MSH
Setup time, write data valid before DSP_MSTRB high
2H–3
2H+3§
ns
ten(D–RWL)
Enable time, data bus driven after DSP_R/W low
H–3
ns
tdis(RWH–D)
Disable time, DSP_R/W high to data bus high impedance
2
ns
† Address, DSP_PS, and DSP_DS timings are all included in timings referenced as address.
‡ In the case of a memory write preceded by a memory write
§ In the case of a memory write preceded by an I/O cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com