Electronic Components Datasheet Search
  English  ▼

X  

TQL5000 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TQL5000
Description  LNA for 5GHz UNII Band 802.11a Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQL5000 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TQL5000 Datasheet HTML 1Page - TriQuint Semiconductor TQL5000 Datasheet HTML 2Page - TriQuint Semiconductor TQL5000 Datasheet HTML 3Page - TriQuint Semiconductor TQL5000 Datasheet HTML 4Page - TriQuint Semiconductor TQL5000 Datasheet HTML 5Page - TriQuint Semiconductor TQL5000 Datasheet HTML 6Page - TriQuint Semiconductor TQL5000 Datasheet HTML 7Page - TriQuint Semiconductor TQL5000 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TQL5000
Datasheet
TQL5000 Measured Performance:
TriQuint TQL5000- V1.0 Evaluation Board
Measurement Conditions Ta = 25°C, Vdd=3.0, Idd=8.2mA
TQL5000 Rev 2 Gain
14
15
16
17
18
19
20
4.5
4.7
4.9
5.1
5.3
5.5
5.7
5.9
6.1
6.3
6.5
Fre q (GHz)
#1
#2
#3
TQL5000 R ev 2 Input Matching
-20.00
-18.00
-16.00
-14.00
-12.00
-10.00
-08.00
-06.00
-04.00
-02.00
00.00
4.5
4.7
4.9
5.1
5.3
5.5
5.7
5.9
6.1
6.3
6.5
Fre q (GHz)
#1
#2
#3
S
1
1
(d
B)
TQL5000 R ev 2 Output Matching
-18.00
-16.00
-14.00
-12.00
-10.00
-08.00
-06.00
-04.00
-02.00
00.00
4.5
4.7
4.9
5.1
5.3
5.5
5.7
5.9
6.1
6.3
6.5
Fre q (GHz)
#1
#2
#3
S
2
2
(d
B
)
6
For further information please visit www.triquint.com
Datasheet rev 6.0; December 16, 2004.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com