Electronic Components Datasheet Search
  English  ▼

X  

TQL5000 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQL5000
Description  LNA for 5GHz UNII Band 802.11a Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQL5000 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQL5000 Datasheet HTML 1Page - TriQuint Semiconductor TQL5000 Datasheet HTML 2Page - TriQuint Semiconductor TQL5000 Datasheet HTML 3Page - TriQuint Semiconductor TQL5000 Datasheet HTML 4Page - TriQuint Semiconductor TQL5000 Datasheet HTML 5Page - TriQuint Semiconductor TQL5000 Datasheet HTML 6Page - TriQuint Semiconductor TQL5000 Datasheet HTML 7Page - TriQuint Semiconductor TQL5000 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2
For further information please visit www.triquint.com
Datasheet rev 6.0; December 16, 2004.
TQL5000
DATASHEET
WLAN PRODUCTS
Package Pin-out:
LNA for 5GHz UNII Band
802.11a Systems
Features
4.9 to 5.9 GHz Frequency Coverage
Low Noise Figure
High Gain
Low Current: 8mA Typical @ 3V
50-ohm Input and Output Match
GaAs pHEMT Technology
Leadless 1.3 x 2.0 x 0.4 mm Lead
Free SMT Package
Applications
802.11a WLAN
PCs and Mobile Devices
WLAN Access Points
WLAN Repeaters
Product Description:
The TQL5000 is a low noise amplifier designed for 802.11a receive applications
for the WLAN market. The device exhibits industry-leading noise figure and
power consumption while maintaining high intercept performance. It requires a
single 3 V supply voltage and draws 8 mA. The LNA is manufactured using
TriQuint’s GaAs pHEMT process and is packaged in an ultra-small, low-profile
1.3mm x 2mm x 0.4mm Lead Free SLIM-7 package.
Selected Electrical Specifications:
Parameter
min
typ
Max
units
Frequency Range
4900
-
5900
MHz
Noise Figure (with onchip match)
1.3
dB
Small Signal Gain
16.5
18
dB
Input Power (IP1dB)
-13
dBm
Input IP3
-3
dBm
Test Conditions: Ta=25°C; Vdd=3.0V
RF
Input
RF
Output
Vdd
Src


Similar Part No. - TQL5000

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TQL50A TOPSTEK-TQL50A Datasheet
88Kb / 2P
Topstek Current Transducer
More results

Similar Description - TQL5000

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DAML6231 DAICO-DAML6231 Datasheet
96Kb / 1P
X-Band LNA
logo
TriQuint Semiconductor
TQS5200 TRIQUINT-TQS5200 Datasheet
432Kb / 8P
SPDT Switch for Single- band and Dual-band, 802.11a/b/g Systems
logo
Panasonic Semiconductor
AN26027A PANASONIC-AN26027A Datasheet
285Kb / 12P
Single band LNA-IC for 600 MHz band applications
logo
TriQuint Semiconductor
TQP787011 TRIQUINT-TQP787011 Datasheet
232Kb / 1P
802.11a 5GHz WLAN Power Amplifier
logo
Panasonic Battery Group
AN26031A PANASONICBATTERY-AN26031A Datasheet
393Kb / 16P
Single Band LNA-IC for 2.5 GHz Band Applications
logo
TriQuint Semiconductor
TQP787011 TRIQUINT-TQP787011_15 Datasheet
232Kb / 1P
802.11a 5GHz WLAN Power Amplifier
logo
Johanson Technology Inc...
5235CR45A0180 JOHANSON-5235CR45A0180 Datasheet
198Kb / 5P
5.24GHz High Rejection UNII-low Band Pass Filter
5697CR45A0360 JOHANSON-5697CR45A0360 Datasheet
186Kb / 5P
5.67GHz High Rejection UNII-High, Band Pass Filter
logo
WALSIN TECHNOLOGY CORPO...
RFBPF2520090K1T WALSIN-RFBPF2520090K1T Datasheet
700Kb / 7P
For 5GHz ISM Band RF Application
RFDIP2008L20T WALSIN-RFDIP2008L20T Datasheet
255Kb / 2P
For WLAN Band 2.4GHz & 5GHz Application
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com