Electronic Components Datasheet Search
  English  ▼

X  

PE3123 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3123
Description  BNC Male to BNC Male Plenum Cable Using 75 Ohm RG59-P Coax, RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3123 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3123 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3123 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3123 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Notes:
• Values at +25 °C, sea level
BNC Male to BNC Male Plenum Cable Using 75 Ohm RG59-P Coax, RoHS from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: BNC Male to BNC Male Plenum Cable Using 75 Ohm RG59-P Coax, RoHS PE3123
URL:http://www.pasternack.com/bnc-male-bnc-male-rg59-p-cable-assembly-pe3123-p.aspx
PE3123 REV 1.0
PE3123
BNC Male to BNC Male Plenum Cable Using
75 Ohm RG59-P Coax, RoHS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com