Electronic Components Datasheet Search
  English  ▼

X  

PE3123 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3123
Description  BNC Male to BNC Male Plenum Cable Using 75 Ohm RG59-P Coax, RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3123 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3123 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3123 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3123 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Configuration
Connector 1
BNC Male
Connector 2
BNC Male
Cable Type
RG59-P
Impedance
50 Ohms
Velocity of Propagation
82 %
Mechanical Specifications
Cable Assembly
Size
Diameter
0.57 in [14.48 mm]
.
Weight
0.056 lbs [25.4 g]
Cable Color
White
Cable
Cable Type
RG59-P
Inner Conductor Type
Stranded
Cable Inner Conductor
Copper
No of Shields
1
Dielectric Type
FEP (F)
Jacket Material
PVC
Jacket Diameter
0.194 in [4.93 mm]
Connector 1
Type
BNC Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Gold
InnerConductorPlatingSpecification
30µin.minimum
Coupling Nut Material and Plating
Brass, Nickel
CouplingNutPlatingSpecification
100µin.minimum
Body Material and Plating
Brass, Nickel
BodyPlatingSpecification
100µin.minimum
DielectricType
Teflon
Connector 2
Type
BNC Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Gold
InnerConductorPlatingSpecification
30µin.minimum
Coupling Nut Material and Plating
Brass, Nickel
CouplingNutPlatingSpecification
100µin.minimum
Body Material and Plating
Brass, Nickel
BodyPlatingSpecification
100µin.minimum
DielectricType
Teflon
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: BNC Male to BNC Male Plenum Cable Using 75 Ohm RG59-P Coax, RoHS PE3123
PE3123 REV 1.0
PE3123
BNC Male to BNC Male Plenum Cable Using
75 Ohm RG59-P Coax, RoHS


Similar Part No. - PE3123

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE312 PASTERNACK-PE312 Datasheet
446Kb / 4P
TECHNICAL DATA SHEET
PE312-12 PASTERNACK-PE312-12 Datasheet
241Kb / 4P
SMA Male to QD SMA Male Precision Cable 12 Inch Length Using 160 Series Coax, RoHS
PE312-120 PASTERNACK-PE312-120 Datasheet
241Kb / 4P
SMA Male to QD SMA Male Precision Cable 120 Inch Length Using 160 Series Coax, RoHS
PE312-24 PASTERNACK-PE312-24 Datasheet
241Kb / 4P
SMA Male to QD SMA Male Precision Cable 24 Inch Length Using 160 Series Coax, RoHS
PE312-36 PASTERNACK-PE312-36 Datasheet
241Kb / 4P
SMA Male to QD SMA Male Precision Cable 36 Inch Length Using 160 Series Coax, RoHS
More results

Similar Description - PE3123

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
PE3075-84 PASTERNACK-PE3075-84 Datasheet
354Kb / 4P
BNC Male to BNC Male Cable 84 Inch Length Using 75 Ohm RG59 Coax
PE3075-96 PASTERNACK-PE3075-96 Datasheet
354Kb / 4P
BNC Male to BNC Male Cable 96 Inch Length Using 75 Ohm RG59 Coax
PE3075-108 PASTERNACK-PE3075-108 Datasheet
354Kb / 4P
BNC Male to BNC Male Cable 108 Inch Length Using 75 Ohm RG59 Coax
PE3075-120 PASTERNACK-PE3075-120 Datasheet
354Kb / 4P
BNC Male to BNC Male Cable 120 Inch Length Using 75 Ohm RG59 Coax
PE3075-144 PASTERNACK-PE3075-144 Datasheet
354Kb / 4P
BNC Male to BNC Male Cable 144 Inch Length Using 75 Ohm RG59 Coax
PE3C3321 PASTERNACK-PE3C3321 Datasheet
365Kb / 4P
SMA Male to BNC Male Cable Using 75 Ohm RG179 Coax
PE3C3349 PASTERNACK-PE3C3349 Datasheet
377Kb / 4P
BNC Male to BNC Male Cable Using 75 Ohm RG179 Coax
PE3C3349-12 PASTERNACK-PE3C3349-12 Datasheet
373Kb / 4P
BNC Male to BNC Male Cable 12 Inch Length Using 75 Ohm RG179 Coax
PE3C3349LF PASTERNACK-PE3C3349LF Datasheet
378Kb / 4P
BNC Male to BNC Male Cable Using 75 Ohm RG179 Coax, LF Solder, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com