Electronic Components Datasheet Search
  English  ▼

X  

VNH2SP30-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNH2SP30-E
Description  AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30-E Datasheet(HTML) 1 Page - STMicroelectronics

  VNH2SP30-E Datasheet HTML 1Page - STMicroelectronics VNH2SP30-E Datasheet HTML 2Page - STMicroelectronics VNH2SP30-E Datasheet HTML 3Page - STMicroelectronics VNH2SP30-E Datasheet HTML 4Page - STMicroelectronics VNH2SP30-E Datasheet HTML 5Page - STMicroelectronics VNH2SP30-E Datasheet HTML 6Page - STMicroelectronics VNH2SP30-E Datasheet HTML 7Page - STMicroelectronics VNH2SP30-E Datasheet HTML 8Page - STMicroelectronics VNH2SP30-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1/26
September 2004
VNH2SP30-E
AUTOMOTIVE FULLY INTEGRATED
H-BRIDGE MOTOR DRIVER
Rev. 1
Table 1. General Features
s
OUTPUT CURRENT: 30A
s
5V LOGIC LEVEL COMPATIBLE INPUTS
s
UNDERVOLTAGE AND OVERVOLTAGE
SHUT-DOWN
s
OVERVOLTAGE CLAMP
s
THERMAL SHUT DOWN
s
CROSS-CONDUCTION PROTECTION
s
LINEAR CURRENT LIMITER
s
VERY LOW STAND-BY POWER
CONSUMPTION
s
PWM OPERATION UP TO 20 KHz
s
PROTECTION AGAINST:
LOSS OF GROUND AND LOSS OF VCC
s
CURRENT SENSE OUTPUT PROPORTIONAL
TO MOTOR CURRENT
s
IN COMPLIANCE WITH THE 2002/95/EC
EUROPEAN DIRECTIVE
DESCRIPTION
The VNH2SP30-E is a full bridge motor driver
intended
for
a
wide
range
of
automotive
applications. The device incorporates a dual
monolithic High-Side drivers and two Low-Side
switches. The High-Side driver switch is designed
using STMicroelectronic’s well known and proven
proprietary VIPower™ M0 technology that allows
to efficiently integrate on the same die a true
Power
MOSFET
with
an
intelligent
signal/
protection circuitry.
Figure 1. Package
The Low-Side switches are vertical MOSFETs
manufactured
using
STMicroelectronic’s
proprietary EHD (‘STripFET™’) process.The three
dice are assembled in MultiPowerSO-30 package
on electrically isolated leadframes. This package,
specifically designed for the harsh automotive
environment offers improved thermal performance
thanks to exposed die pads. Moreover, its fully
symmetrical mechanical design allows superior
manufacturability at board level. The input signals
INA and INB can directly interface to the
microcontroller to select the motor direction and
the brake condition. The DIAGA/ENA or DIAGB/
ENB, when connected to an external pull-up
resistor, enable one leg of the bridge. They also
provide a feedback digital diagnostic signal. The
normal condition operation is explained in the truth
table on page 14. The CS pin allows to monitor the
motor current by delivering a current proportional
to its value. The PWM, up to 20KHz, lets us to
control the speed of the motor in all possible
conditions. In all cases, a low level state on the
PWM pin will turn off both the LSA and LSB
switches. When PWM rises to a high level, LSA or
LSB turn on again depending on the input pin
state.
Table 2. Order Codes
Type
RDS(on)
Iout
Vccmax
VNH2SP30-E
19 m
Ω max
(per leg)
30 A
41 V
MultiPowerSO-30
Package
Tube
Tape and Reel
MultiPowerSO-30
VNH2SP30-E
VNH2SP30TR-E


Similar Part No. - VNH2SP30-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH2SP30-E STMICROELECTRONICS-VNH2SP30-E Datasheet
1Mb / 22P
for car body applications
Oct-2013
VNH2SP30-E STMICROELECTRONICS-VNH2SP30-E Datasheet
691Kb / 35P
Automotive fully integrated H-bridge motor driver
11-Jan-2017
More results

Similar Description - VNH2SP30-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH3ASP30-E STMICROELECTRONICS-VNH3ASP30-E Datasheet
138Kb / 18P
AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
VNH3SP30-E STMICROELECTRONICS-VNH3SP30-E Datasheet
637Kb / 33P
Automotive fully integrated H-bridge motor driver
15-Nov-2007
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
514Kb / 37P
Automotive fully integrated H-bridge motor driver
22-Dec-2011
VNH5050A-E STMICROELECTRONICS-VNH5050A-E Datasheet
790Kb / 33P
Automotive fully integrated H-bridge motor driver
22-Dec-2011
VNH5180A-E STMICROELECTRONICS-VNH5180A-E Datasheet
533Kb / 31P
Automotive fully integrated H-bridge motor driver
22-Dec-2011
VNH2SP30TR-E STMICROELECTRONICS-VNH2SP30TR-E Datasheet
636Kb / 33P
Automotive fully integrated H-bridge motor driver
02-Oct-2008
VNH5019ATR-E STMICROELECTRONICS-VNH5019ATR-E Datasheet
470Kb / 37P
Automotive fully integrated H-bridge motor driver
19-Sep-2013
VNH7100AS STMICROELECTRONICS-VNH7100AS Datasheet
1Mb / 38P
Automotive fully integrated H-bridge motor driver
07-Oct-2015
VNH7070AY STMICROELECTRONICS-VNH7070AY Datasheet
1Mb / 48P
Automotive fully integrated H-bridge motor driver
14-Mar-2019
VNH7100BAS STMICROELECTRONICS-VNH7100BAS Datasheet
1Mb / 39P
Automotive fully integrated H-bridge motor driver
02-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com