Electronic Components Datasheet Search
  English  ▼

X  

VNH2SP30-E Datasheet(PDF) 5 Page - STMicroelectronics

Part # VNH2SP30-E
Description  AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30-E Datasheet(HTML) 5 Page - STMicroelectronics

  VNH2SP30-E Datasheet HTML 1Page - STMicroelectronics VNH2SP30-E Datasheet HTML 2Page - STMicroelectronics VNH2SP30-E Datasheet HTML 3Page - STMicroelectronics VNH2SP30-E Datasheet HTML 4Page - STMicroelectronics VNH2SP30-E Datasheet HTML 5Page - STMicroelectronics VNH2SP30-E Datasheet HTML 6Page - STMicroelectronics VNH2SP30-E Datasheet HTML 7Page - STMicroelectronics VNH2SP30-E Datasheet HTML 8Page - STMicroelectronics VNH2SP30-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5/26
VNH2SP30-E
Table 7. Thermal Data
See MultiPowerSO-30 Thermal Data section (page )
ELECTRICAL CHARACTERISTICS
(VCC=9V up to 16V; -40°C<Tj<150°C; unless otherwise specified)
Table 8. Power
Table 9. Logic Inputs (INA, INB, ENA, ENB)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Operating supply voltage
5.5
16
V
IS
Supply Current
Off state:
INA=INB=PWM=0; Tj=25°C;
VCC=13V
INA=INB=PWM=0
12
30
60
µA
µA
On state:
INA or INB=5V, no PWM
10
mA
RONHS
Static High-Side
resistance
IOUT=15A; Tj=25°C
IOUT=15A; Tj= - 40 to 150°C
14
28
m
Ω
m
Ω
RONLS
Static Low-Side
resistance
IOUT=15A; Tj=25°C
IOUT=15A; Tj= - 40 to 150°C
5
10
m
Ω
m
Ω
Vf
High Side Free-wheeling
Diode Forward Voltage
If=15A
0.8
1.1
V
IL(off)
High Side Off State
Output Current (per
channel)
Tj=25°C; VOUTX=ENX=0V; VCC=13V
Tj=125°C; VOUTX=ENX=0V; VCC=13V
3
5
µA
µA
IRM
Dynamic
Cross-conduction
Current
IOUT=15A (see fig. 8)
0.7
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Input Low Level Voltage
Normal operation (DIAGX/ENX pin acts
as an input pin)
1.25
V
VIH
Input High Level Voltage
Normal operation (DIAGX/ENX pin acts
as an input pin)
3.25
V
VIHYST
Input Hysteresis Voltage
Normal operation (DIAGX/ENX pin acts
as an input pin)
0.5
V
VICL
Input Clamp Voltage
IIN=1mA
IIN=-1mA
5.5
-1.0
6.3
-0.7
7.5
-0.3
V
V
IINL
Input Current
VIN=1.25 V
1
µA
IINH
Input Current
VIN=3.25 V
10
µA
VDIAG
Enable Output Low Level
Voltage
Fault operation (DIAGX/ENX pin acts as
an output pin); IEN=1mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com