Electronic Components Datasheet Search
  English  ▼

X  

HT-121NB Datasheet(PDF) 8 Page - Inolux Corporation

Part # HT-121NB
Description  Harvatek Surface Mount LED
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-121NB Datasheet(HTML) 8 Page - Inolux Corporation

Back Button HT-121NB Datasheet HTML 4Page - Inolux Corporation HT-121NB Datasheet HTML 5Page - Inolux Corporation HT-121NB Datasheet HTML 6Page - Inolux Corporation HT-121NB Datasheet HTML 7Page - Inolux Corporation HT-121NB Datasheet HTML 8Page - Inolux Corporation HT-121NB Datasheet HTML 9Page - Inolux Corporation HT-121NB Datasheet HTML 10Page - Inolux Corporation HT-121NB Datasheet HTML 11Page - Inolux Corporation HT-121NB Datasheet HTML 12Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Side-emitting (0604)
HT-121 Series
Official Product
Product: HT-121 Series
Data Sheet No.
Tentative Product
****************
HT-121 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 18, 2013
Version of 1.0
Page
8/24
▓
Wavelength (λD) Bin:
Bin
Wavelength Range (nm)
Red
(USD)
Orange
(UD)
Yellow
(UY)
Yellow Green
(UYG)
Min
Max
Min
Max
Min
Max
Min
Max
-
615.0
630.0
A
597.0
600.0
582.0
584.5
561.5
564.5
B
600.0
603.0
584.6
587.0
564.5
567.5
C
603.0
606.0
587.0
589.5
567.5
570.5
D
606.0
609.0
589.5
592.0
570.5
573.5
E
609.0
612.0
573.5
576.5
F
612.0
615.0
H
592.0
594.5
J
594.5
597.0
@20mA / Ta=25
O C, Tolerance: + 0.5nm
Bin
Wavelength Range (nm)
True Green
(NG)
Blue
(NB)
Min
Max
Min
Max
-
A
515.0
520.0
460.0
464.0
B
520.0
525.0
464.0
468.0
C
525.0
530.0
468.0
472.0
D
530.0
535.0
472.0
476.0
E
535.0
540.0
476.0
480.0
F
480.0
485.0
H
J
@20mA / Ta=25
O C, Tolerance: + 0.5nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com