Electronic Components Datasheet Search
  English  ▼

X  

HT-121NB Datasheet(PDF) 22 Page - Inolux Corporation

Part # HT-121NB
Description  Harvatek Surface Mount LED
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-121NB Datasheet(HTML) 22 Page - Inolux Corporation

Back Button HT-121NB Datasheet HTML 16Page - Inolux Corporation HT-121NB Datasheet HTML 17Page - Inolux Corporation HT-121NB Datasheet HTML 18Page - Inolux Corporation HT-121NB Datasheet HTML 19Page - Inolux Corporation HT-121NB Datasheet HTML 20Page - Inolux Corporation HT-121NB Datasheet HTML 21Page - Inolux Corporation HT-121NB Datasheet HTML 22Page - Inolux Corporation HT-121NB Datasheet HTML 23Page - Inolux Corporation HT-121NB Datasheet HTML 24Page - Inolux Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Side-emitting (0604)
HT-121 Series
Official Product
Product: HT-121 Series
Data Sheet No.
Tentative Product
****************
HT-121 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 18, 2013
Version of 1.0
Page
22/24
Wave Soldering
•
Maximum soldering temperature is 260oC for 5 seconds.
Precautions
1.
Avoid exposure to moisture at all times during transportation or storage.
2.
Anti-Static precaution must be taken when handling GaN, InGaN, and AlInGaP products.
3.
It is suggested to connect the unit with a current limiting resistor of the proper size. Avoid
applying a reverse voltage.
4.
Avoid operation beyond the limits as specified by the absolute maximum ratings.
5.
Avoid direct contact with the surface through which the LED emits light.
6.
If possible, assemble the unit in a clean room or dust-free environment.
Reworking
•
Rework should be completed within 5 seconds under 260 OC.
•
The iron tip must not come in contact with the copper foil.
•
Twin-head type is preferred.
Cleaning
Following are cleaning procedures after soldering:
•
An alcohol-based solvent such as isopropyl alcohol (IPA) is recommended.
•
Temperature x Time should be 50oC x 30sec. or <30oC x 3min
•
Ultra sonic cleaning: < 15W/ bath; bath volume ≤ 1liter
•
Curing: 100 OC max, <3min
Cautions of Pick and Place
•
Avoid stress on the resin at elevated temperature.
•
Avoid rubbing or scraping the resin by any object.
•
Electro-static may cause damage to the component. Please ensure that the equipment
is properly grounded. Use of an ionizer fan is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com