Electronic Components Datasheet Search
  English  ▼

X  

HT-B259 Datasheet(PDF) 7 Page - Inolux Corporation

Part # HT-B259
Description  Harvatek Surface Mount LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-B259 Datasheet(HTML) 7 Page - Inolux Corporation

Back Button HT-B259 Datasheet HTML 3Page - Inolux Corporation HT-B259 Datasheet HTML 4Page - Inolux Corporation HT-B259 Datasheet HTML 5Page - Inolux Corporation HT-B259 Datasheet HTML 6Page - Inolux Corporation HT-B259 Datasheet HTML 7Page - Inolux Corporation HT-B259 Datasheet HTML 8Page - Inolux Corporation HT-B259 Datasheet HTML 9Page - Inolux Corporation HT-B259 Datasheet HTML 10Page - Inolux Corporation HT-B259 Datasheet HTML 11Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Side Mount 1206 (3216) with Dome Lens
HT-B259 Series
Official Product
Product: HT-B259 Series
Data Sheet No.
Tentative Product
****************
HT-B259 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 22, 2013
Version of 1.0
Page
7/17
▓
Luminous Intensity (Iv) Bin:
Color
Bin
Luminous Intensity Range (mcd)
Minimum
Maximum
Red
S
180.0
285.0
T
285.0
360.0
U
360.0
450.0
Pure Green
T
285.0
360.0
U
360.0
450.0
V
450.0
560.0
W
560.0
715.0
@20mA / Ta=25
O C, Tolerance : + 10%
▓
Wavelength (λD) Bin:
Bin
Wavelength Range (nm)
Red
(USD)
Pure Green
(NG)
Min
Max
Min
Max
-
615.0
630.0
-
-
A
-
-
515
520
B
-
-
520
525
C
-
-
525
530
D
-
-
530
535
@20mA / Ta=25
O C, Tolerance: + 0.5nm
▓
Forward Voltage (VF) Bin:
@20mA / Ta=25℃, Tolerance: + 0.05 V
Color
Bin Code
Spec. Range
Ultra Bright
(USD)
-
2.4 V max
Pure Green
(NG)
-
3.9V max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com