Electronic Components Datasheet Search
  English  ▼

X  

HT-B259 Datasheet(PDF) 8 Page - Inolux Corporation

Part # HT-B259
Description  Harvatek Surface Mount LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-B259 Datasheet(HTML) 8 Page - Inolux Corporation

Back Button HT-B259 Datasheet HTML 4Page - Inolux Corporation HT-B259 Datasheet HTML 5Page - Inolux Corporation HT-B259 Datasheet HTML 6Page - Inolux Corporation HT-B259 Datasheet HTML 7Page - Inolux Corporation HT-B259 Datasheet HTML 8Page - Inolux Corporation HT-B259 Datasheet HTML 9Page - Inolux Corporation HT-B259 Datasheet HTML 10Page - Inolux Corporation HT-B259 Datasheet HTML 11Page - Inolux Corporation HT-B259 Datasheet HTML 12Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Side Mount 1206 (3216) with Dome Lens
HT-B259 Series
Official Product
Product: HT-B259 Series
Data Sheet No.
Tentative Product
****************
HT-B259 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 22, 2013
Version of 1.0
Page
8/17
Product Characteristics
Absolute Maximum Ratings
Product
Emission
Color
Pd (mW)
IF (mA)
IFP* (mA)
VR (V)
TOP (oC)
TST (oC)
HT-B2591NG
Green
117
30
100
5
-30
oC~+85oC -40oC~+85oC
HT-B2592USD/NG
Red / Green
72/117
30
100
5
-30
oC~+85oC -40oC~+85oC
* Condition for IFP is pulse of 1/10 duty and 0.1msec width
**Remarks: This product should be operated in forward bias. If a reverse voltage is continuously applied to the product,
such operation can cause migration resulting in LED damage.
Electro-Optical Characteristics
(Ta = 25 oC)
Product
Emission
Color
IF(mA)
VF(V)
λ(nm)
I
*
V(mcd)
V.A. (o)
typ
max
λD
λP
△λ
min
typ
2
ɵ1/2
HT-B2591NG
Green
20
3.3
3.9
527
520
40
285
450
120
HT-B2592USD/NG Red / Green
20
1.9/3.3 2.4/3.9 622/527 636/520 17/40 180/285 360/450
120
•
Per NIST standards
Package Outline Dimension Recommended Soldering Pattern for Reflow Soldering
Unit: mm Tolerance: +/-0.1
Outline Dimension
Solder Pattern
Soldering terminals may shift in the x, y direction.
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com