Electronic Components Datasheet Search
  English  ▼

X  

AD677JD Datasheet(PDF) 5 Page - Analog Devices

Part # AD677JD
Description  16-Bit 100 kSPS Sampling ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD677JD Datasheet(HTML) 5 Page - Analog Devices

  AD677JD Datasheet HTML 1Page - Analog Devices AD677JD Datasheet HTML 2Page - Analog Devices AD677JD Datasheet HTML 3Page - Analog Devices AD677JD Datasheet HTML 4Page - Analog Devices AD677JD Datasheet HTML 5Page - Analog Devices AD677JD Datasheet HTML 6Page - Analog Devices AD677JD Datasheet HTML 7Page - Analog Devices AD677JD Datasheet HTML 8Page - Analog Devices AD677JD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AD677
REV. A
–4–
(TMIN to TMAX, VCC = +12 V
5%, VEE = –12 V
5%, VDD = +5 V
10%)
1
TIMING SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Units
Conversion Period
2, 3
tC
10
1000
µs
CLK Period
4
tCLK
480
ns
Calibration Time
tCT
85532
tCLK
Sampling Time
tS
2
µs
Last CLK to SAMPLE Delay
5
tLCS
2.1
µs
SAMPLE Low
tSL
100
ns
SAMPLE to Busy Delay
tSS
30
75
ns
1st CLK Delay
tFCD
50
ns
CLK Low
6
tCL
50
ns
CLK High
6
tCH
50
ns
CLK to BUSY Delay
tCB
180
300
ns
CLK to SDATA Valid
tCD
50
100
175
ns
CLK to SCLK High
tCSH
100
180
300
ns
SCLK Low
tSCL
50
80
ns
SDATA to SCLK High
tDSH
50
80
ns
CAL High Time
tCALH
50
ns
CAL to BUSY Delay
tCALB
15
50
ns
NOTES
1See the “CONVERSION CONTROL” and “AUTOCALIBRATION” sections for detailed explanations of the above timing.
2Depends upon external clock frequency; includes acquisition time and conversion time. The maximum conversion period is specified to account for the droop of the
internal sample/hold function. Operation at slower rates may degrade performance.
3t
C = tFCD + 16
× t
CLK + tLCS.
4580 ns is recommended for optimal accuracy over temperature (not necessary during calibration cycle).
5If SAMPLE goes high before the 17th CLK pulse, the device will start sampling approximately 100 ns after the rising edge of the 17th CLK pulse.
6t
CH + tCL = tCLK and must be greater than 480 ns.
CAL
(INPUT)
BUSY
(OUTPUT)
CLK
*
(INPUT)
t
CT
t
CALH
t
CALB
t
CB
t
FCD
85530
85531
85532
1
23
t
CL
t
CH
t
CLK
*SHADED PORTIONS OF INPUT SIGNALS ARE OPTIONAL. FOR BEST PERFORMANCE, WE
RECOMMEND THAT THESE SIGNALS BE HELD LOW EXCEPT WHEN EXPLICITY SHOWN HIGH.
Figure 1. Calibration Timing
t
CB
BUSY
(OUTPUT)
t
FCD
t
CH
*SHADED PORTIONS OF INPUT SIGNALS ARE OPTIONAL. FOR BEST PERFORMANCE, WE
RECOMMEND THAT THESE SIGNALS BE HELD LOW EXCEPT WHEN EXPLICITY SHOWN HIGH.
SAMPLE*
(INPUT)
t
S
CLK
*
(INPUT)
1
23
15
16
17
t
S
t
LCS
MSB
BIT
2
BIT
15
BIT
13
BIT
14
BIT
16
SCLK
(OUTPUT)
SDATA
(OUTPUT)
OLD BIT 16
t
C
t
CD
t
SCL
t
DSH
t
SB
t
SL
t
CLK
t
CSH
t
CL
Figure 2. General Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com