Electronic Components Datasheet Search
  English  ▼

X  

AD677JD Datasheet(PDF) 6 Page - Analog Devices

Part # AD677JD
Description  16-Bit 100 kSPS Sampling ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD677JD Datasheet(HTML) 6 Page - Analog Devices

Back Button AD677JD Datasheet HTML 2Page - Analog Devices AD677JD Datasheet HTML 3Page - Analog Devices AD677JD Datasheet HTML 4Page - Analog Devices AD677JD Datasheet HTML 5Page - Analog Devices AD677JD Datasheet HTML 6Page - Analog Devices AD677JD Datasheet HTML 7Page - Analog Devices AD677JD Datasheet HTML 8Page - Analog Devices AD677JD Datasheet HTML 9Page - Analog Devices AD677JD Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AD677
REV. A
–5–
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD677 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Temperature
Package
Model
Range
S/(N+D)
Max INL
Package Description
Option*
AD677JN
0
°C to +70°C
89 dB
Typ Only
Plastic 16-Pin DIP
N-16
AD677KN
0
°C to +70°C
90 dB
±1.5 LSB
Plastic 16-Pin DIP
N-16
AD677JD
0
°C to +70°C
89 dB
Typ Only
Ceramic 16-Pin DIP
D-16
AD677KD
0
°C to +70°C
90 dB
±1.5 LSB
Ceramic 16-Pin DIP
D-16
AD677JR
0
°C to +70°C
89 dB
Typ Only
Plastic 28-Lead SOIC
R-28
AD677KR
0
°C to +70°C
90 dB
±1.5 LSB
Plastic 28-Lead SOIC
R-28
AD677AD
–40
°C to +85°C
89 dB
Typ Only
Ceramic 16-Pin DIP
D-16
AD677BD
–40
°C to +85°C
90 dB
±1.5 LSB
Ceramic 16-Pin DIP
D-16
*D = Ceramic DIP; N = Plastic DIP; R = Small Outline IC (SOIC).
ABSOLUTE MAXIMUM RATINGS*
VCC to VEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +26.4 V
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Vcc to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +18 V
VEE to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . –18 V to +0.3 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V
Digiul Inputs to DGND . . . . . . . . . . . . . . . . . . . . . . 0 to +5.5 V
Analog Inputs, VREF to AGND
. . . . . . . . . . . . . . . . . . . . . . . . . . . . (VCC +0.3 V) to (VEE –0.3 V)
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300
°C, 10 sec
Storage Temperature . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com