Electronic Components Datasheet Search
  English  ▼

X  

AD7715 Datasheet(PDF) 39 Page - Analog Devices

Part # AD7715
Description  16-Bit, Sigma-Delta ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7715 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7715 Datasheet HTML 33Page - Analog Devices AD7715 Datasheet HTML 34Page - Analog Devices AD7715 Datasheet HTML 35Page - Analog Devices AD7715 Datasheet HTML 36Page - Analog Devices AD7715 Datasheet HTML 37Page - Analog Devices AD7715 Datasheet HTML 38Page - Analog Devices AD7715 Datasheet HTML 39Page - Analog Devices AD7715 Datasheet HTML 40Page - Analog Devices AD7715 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
AD7715
Data Sheet
Rev. E | Page 38 of 40
SMART TRANSMITTERS
Another area where the low power, single supply, three-wire
interface capabilities is of benefit is in smart transmitters. Here,
the entire smart transmitter must operate from the 4 mA to
20 mA loop. Tolerances in the loop mean that the amount of
current available to power the transmitter is as low as 3.5 mA.
The AD7715 consumes only 450 μA, leaving 3 mA available for
the rest of the transmitter. Figure 17 shows a block diagram of a
smart transmitter which includes the AD7715. Not shown in
Figure 17 is the isolated power source required to power the
front end.
INPUT/OUTPUT
STAGE
SIGNAL
CONDITIONER
MICROCONTROLLER UNIT
*PID
*RANGE SETTING
*CALIBRATION
*LINEARIZATION
*OUTPUT CONTROL
*SERIAL COMMUNICATION
*HART PROTOCOL
VOLTAGE
REFERENCE
MCLK
OUT
AD7715
ISOLATED SUPPLY
ISOLATION
BARRIER
SENSORS
RTD
mV
ohm
TC
LOOP
RTN
MCLK
IN
COM
3V
4mA
TO
20mA
DVDD AVDD
REF IN
AGND
DGND
ISOLATED GROUND
COM
3V
MAIN TRANSMITTER ASSEMBLY
BANDPASS
FILTER
WAVEFORM
SHAPER
HART
MODEM
BELL 202
DAC
VOLTAGE
REFERENCE
VOLTAGE
REGULATOR
VCC
Figure 17. Smart Transmitter Using the AD7715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com