Electronic Components Datasheet Search
  English  ▼

X  

AD7715 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7715
Description  16-Bit, Sigma-Delta ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7715 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7715 Datasheet HTML 13Page - Analog Devices AD7715 Datasheet HTML 14Page - Analog Devices AD7715 Datasheet HTML 15Page - Analog Devices AD7715 Datasheet HTML 16Page - Analog Devices AD7715 Datasheet HTML 17Page - Analog Devices AD7715 Datasheet HTML 18Page - Analog Devices AD7715 Datasheet HTML 19Page - Analog Devices AD7715 Datasheet HTML 20Page - Analog Devices AD7715 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
AD7715
Data Sheet
Rev. E | Page 16 of 40
OUTPUT NOISE
AD7715-5
Table 15 shows the AD7715-5 output rms noise for the selecta-
ble notch and −3 dB frequencies for the part, as selected by FS1
and FS0 of the setup register. The numbers given are for the
bipolar input ranges with a VREF of 2.5 V. These numbers are
typical and are generated at a differential analog input voltage
of 0 V with the part used in unbuffered mode (BUF bit of the
setup register = 0). Table 16 meanwhile shows the output peak-
to-peak noise for the selectable notch and −3 dB frequencies
for the part. It is important to note that these numbers represent
the resolution for which there is no code flicker. They are not
calculated based on rms noise but on peak-to-peak noise. The
numbers given are for the bipolar input ranges with a VREF of
2.5 V and for the BUF bit of the setup register = 0. These num-
bers are typical, are generated at an analog input voltage of 0 V
and are rounded to the nearest LSB.
Meanwhile, Table 17 and Table 18 show rms noise and peak-
to-peak resolution respectively with the AD7715-5 operating
under the same conditions as above except that now the part is
operating in buffered mode (BUF bit of the setup register = 1).
Table 15. Output RMS Noise vs. Gain and Output Update Rate for AD7715-5 (Unbuffered Mode)
Filter First Notch and Output Data Rate
−3 dB Frequency
Typical Output RMS Noise (µV)
MCLK IN =
MCLK IN =
MCLK IN =
MCLK IN =
2.4576 MHz
1 MHz
2.4576 MHz
1 MHz
Gain = 1
Gain = 2
Gain = 32
Gain = 128
50 Hz
20 Hz
13.1 Hz
5.24 Hz
3.8
1.9
0.6
0.52
60 Hz
25 Hz
15.72 Hz
6.55 Hz
4.8
2.4
0.6
0.62
250 Hz
100 Hz
65.5 Hz
26.2 Hz
103
45
3.0
1.6
500 Hz
200 Hz
131 Hz
52.4 Hz
530
250
18
5.5
Table 16. Peak-to-Peak Resolution vs. Gain and Output Update Rate for AD7715-5 (Unbuffered Mode)
Filter First Notch and Output Data Rate
−3 dB Frequency
Typical Peak-to-Peak Resolution in Bits
MCLK IN =
MCLK IN =
MCLK IN =
MCLK IN =
2.4576 MHz
1 MHz
2.4576 MHz
1 MHz
Gain = 1
Gain = 2
Gain = 32
Gain = 128
50 Hz
20 Hz
13.1 Hz
5.24 Hz
16
16
16
14
60 Hz
25 Hz
15.72 Hz
6.55 Hz
16
16
16
13
250 Hz
100 Hz
65.5 Hz
26.2 Hz
13
13
13
12
500 Hz
200 Hz
131 Hz
52.4 Hz
10
10
10
10
Table 17. Output RMS Noise vs. Gain and Output Update Rate for AD7715-5 (Buffered Mode)
Filter First Notch and Output Data Rate
−3 dB Frequency
Typical Output RMS Noise (µV)
MCLK IN =
MCLK IN =
MCLK IN =
MCLK IN =
2.4576 MHz
1 MHz
2.4576 MHz
1 MHz
Gain = 1
Gain = 2
Gain = 32
Gain = 128
50 Hz
20 Hz
13.1 Hz
5.24 Hz
4.3
2.2
0.9
0.9
60 Hz
25 Hz
15.72 Hz
6.55 Hz
5.1
3.1
1.0
1.0
250 Hz
100 Hz
65.5 Hz
26.2 Hz
103
50
3.9
2.1
500 Hz
200 Hz
131 Hz
52.4 Hz
550
280
18
6
Table 18. Peak-to-Peak Resolution vs. Gain and Output Update Rate for AD7715-5 (Buffered Mode)
Filter First Notch and Output Data Rate
−3 dB Frequency
Typical Peak-to-Peak Resolution in Bits
MCLK IN =
MCLK IN =
MCLK IN =
MCLK IN =
2.4576 MHz
1 MHz
2.4576 MHz
1 MHz
Gain = 1
Gain = 2
Gain = 32
Gain = 128
50 Hz
20 Hz
13.1 Hz
5.24 Hz
16
16
15
13
60 Hz
25 Hz
15.72 Hz
6.55 Hz
16
16
15
13
250 Hz
100 Hz
65.5 Hz
26.2 Hz
13
13
13
12
500 Hz
200 Hz
131 Hz
52.4 Hz
10
10
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com