Electronic Components Datasheet Search
  English  ▼

X  

AD7895 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7895
Description  5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7895 Datasheet(HTML) 5 Page - Analog Devices

  AD7895 Datasheet HTML 1Page - Analog Devices AD7895 Datasheet HTML 2Page - Analog Devices AD7895 Datasheet HTML 3Page - Analog Devices AD7895 Datasheet HTML 4Page - Analog Devices AD7895 Datasheet HTML 5Page - Analog Devices AD7895 Datasheet HTML 6Page - Analog Devices AD7895 Datasheet HTML 7Page - Analog Devices AD7895 Datasheet HTML 8Page - Analog Devices AD7895 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AD7895
–4–
REV. 0
PIN FUNCTION DESCRIPTION
Pin
Pin
No.
Mnemonic
Description
1
REF IN
Voltage Reference Input. An external reference source should be connected to this pin to provide the refer-
ence voltage for the AD7895’s conversion process. The REF IN input is buffered on chip. The nominal ref-
erence voltage for correct operation of the AD7895 is +2.5 V.
2VIN
Analog Input Channel. The analog input range is
±10 V (AD7895-10), ±2.5 V (AD7895-3) and 0 V to
+2.5 V (AD7895-2).
3
GND
Analog Ground. Ground reference for track/hold, comparator, digital circuitry and DAC.
4
SCLK
Serial Clock Input. An external serial clock is applied to this input to obtain serial data from the AD7895.
A new serial data bit is clocked out on the falling edge of this serial clock. Data is guaranteed valid for 10 ns
after this falling edge so that data can be accepted on the falling edge when a fast serial clock is used. The
serial clock input should be taken low at the end of the serial data transmission.
5
SDATA
Serial Data Output. Serial data from the AD7895 is provided at this output. The serial data is clocked out
by the falling edge of SCLK, but the data can also be read on the falling edge of SCLK. This is possible
because data bit N is valid for a specified time after the falling edge of SCLK (data hold time) (see Figure 4).
Sixteen bits of serial data are provided with four leading zeros followed by the 12 bits of conversion data.
On the sixteenth falling edge of SCLK, the SDATA line is held for the data hold time and then is disabled
(three-stated). Output data coding is 2s complement for the AD7895-10, AD7895-3 and straight binary for
the AD7895-2.
6
BUSY
The BUSY pin is used to indicate when the part is doing a conversion. The BUSY pin will go high on the
falling edge of CONVST and will return low when the conversion is complete.
7
CONVST
Convert Start. Edge-triggered logic input. On the falling edge of this input, the track/hold goes into its hold
mode, and conversion is initiated. If CONVST is low at the end of conversion, the part goes into power-
down mode. In this case, the rising edge of CONVST “wakes up” the part.
8VDD
Positive supply voltage, +5 V
± 5%.
PIN CONFIGURATION
DIP and SOIC
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
AD7895
REF IN
SDATA
BUSY
CONVST
VDD
VIN
GND
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com