Electronic Components Datasheet Search
  English  ▼

X  

AD7895 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7895
Description  5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7895 Datasheet(HTML) 3 Page - Analog Devices

  AD7895 Datasheet HTML 1Page - Analog Devices AD7895 Datasheet HTML 2Page - Analog Devices AD7895 Datasheet HTML 3Page - Analog Devices AD7895 Datasheet HTML 4Page - Analog Devices AD7895 Datasheet HTML 5Page - Analog Devices AD7895 Datasheet HTML 6Page - Analog Devices AD7895 Datasheet HTML 7Page - Analog Devices AD7895 Datasheet HTML 8Page - Analog Devices AD7895 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
–2–
REV. 0
AD7895–SPECIFICATIONS
Parameter
A Versionsl
B Versions
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
2
Signal to (Noise + Distortion) Ratio
3
@ +25
°C
70
70
dB min
fIN = 50 kHz Sine Wave, fSAMPLE = 200 kHz
TMIN to TMAX
70
70
dB min
Total Harmonic Distortion (THD)
3
–78
–78
dB max
fIN = 50 kHz Sine Wave, fSAMPLE = 200 kHz,
Typically –87 dB
Peak Harmonic or Spurious Noise
3
–89
–89
dB typ
fIN = 50 kHz Sine Wave, fSAMPLE = 200 kHz
Intermodulation Distortion (IMD)
3
fa = 9 kHz, fb = 9.5 kHz, fSAMPLE = 200 kHz
2nd Order Terms
–87
–87
dB typ
3rd Order Terms
–87
–87
dB typ
DC ACCURACY
Resolution
12
12
Bits
Minimum Resolution for which
No Missing Codes are Guaranteed
12
12
Bits
Relative Accuracy
3
±1
±1
LSB max
Typically 0.4 LSB
Differential Nonlinearity
3
±1
±1
LSB max
Positive Full-Scale Error
3
±3
±2
LSB max
AD7895-2
Unipolar Offset Error
±3
±2
LSB max
AD7895-10, AD7895-3 Only
Negative Full-Scale Error
3
±3
±2
LSB max
Bipolar Zero Error
±4
±3
LSB max
ANALOG INPUT
AD7895-10
Input Voltage Range
±10
±10
Volts
Input Resistance
24
24
k
Ω min
AD7895-3
Input Voltage Range
±2.5
±2.5
Volts
Input Resistance
9
9
k
Ω min
AD7895-2
Input Voltage Range
0 to +2.5
0 to +2.5
Volts
Input Current
500
500
nA max
REFERENCE INPUT
REF IN Input Voltage Range
2.375/2.625
2.375/2.625
V min/V max
2.5 V
± 5%
Input Current
1
1
µA max
Input Capacitance
3
10
10
pF max
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
V min
VDD = 5 V ± 5%
Input Low Voltage, VINL
0.8
0.8
V max
VDD = 5 V ± 5%
Input Current, IIN
±10
±10
µA max
VIN = 0 V to VDD
Input Capacitance, CIN
4
10
10
pF ax
LOGIC OUTPUTS
Output High Voltage, VOH
4.0
4.0
V min
ISOURCE = 200 µA
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 1.6 mA
Output Coding
AD7895-10, AD7895-3
2s Complement
AD7895-2
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
Mode 1 Operation
3.8
3.8
µs max
Mode 2 Operation
5
9.8
9.8
µs max
Track/Hold Acquisition Time3
0.5
0.5
µs max
POWER REQUIREMENTS
VDD
+5
+5
V nom
±5% for Specified Performance
IDD
4
4
mA max
Digital Inputs @ VDD, VDD = 5 V ± 5%
Power Dissipation
20
20
mW max
Typically 16 mW
Power-Down Mode
IDD @ +25°C5
5
µA max
Digital Inputs @ GND, VDD = 5 V ± 5%
TMIN to TMAX
10
10
µA max
Digital Inputs @ GND, VDD = 5 V ± 5%
Power Dissipation @ +25
°C25
25
µW max
NOTES
1Temperature ranges are as follows: A, B Versions: –40
°C to +85°C.
2Applies to Mode 1 operation. See section on “Operating Modes.”
3See Terminology.
4Sample tested @ +25
°C to ensure compliance.
5This 9.8
µs includes the “wake-up” time from standby. This “wake-up” time is timed from the rising edge of CONVST, whereas conversion is timed from the falling edge of CONVST, for
narrow CONVST pulse width the conversion time is effectively the “wake-up” time plus conversion time hence 9.8
µs. This can be seen from Figure 3. Note that if the CONVST pulse width
is greater than 6
µs then the effective conversion time will increase beyond 9.8 µs.
Specifications subject to change without notice.
(VDD = +5 V, GND = 0 V, REF IN = +2.5 V.
All specifications TMIN to TMAX unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com