Electronic Components Datasheet Search
  English  ▼

X  

MJD50TF Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # MJD50TF
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MJD50TF Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MJD50TF Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MJD50TF Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MJD50TF Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MJD50TF Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MJD50TF Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R
NO:201506A
1/5
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
NPN 高压功率开关晶体管
MJD50TF
Order codes
订货代码
Marking
印记
Halogen Free
无卤
Package
封装
Packaging
包装
MJD50TF-O-R-B-A
MJD50
NO
DPAK
Brede
主要参数 MAIN CHARACTERISTICS
IC
1A
VCEO
400V
PC (DPAK)
15W
Package
APPLICATIONS
High frequency switching power
supply
High frequency power transform
Commonly
power
amplifier
circuit
FEATURES
High breakdown voltage
High current capability
High switching speed
High reliability
RoHS product
订货信息 ORDER MESSAGE
用途
高频开关电源
高频功率变换
一般功率放大电路
产品特性
高耐压
高电流容量
高开关速度
高可靠性
环保(RoHS)产品


Similar Part No. - MJD50TF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MJD50TF FAIRCHILD-MJD50TF Datasheet
226Kb / 5P
NPN Epitaxial Silicon Transistor
More results

Similar Description - MJD50TF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com