Electronic Components Datasheet Search
  English  ▼

X  

MJD50TF Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # MJD50TF
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MJD50TF Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MJD50TF Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MJD50TF Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MJD50TF Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MJD50TF Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MJD50TF Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
R
NO:201506A
2/5
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
NPN 高压功率开关晶体管
绝对最大额定值 ABSOLUTE RATINGS
(Tc=25℃)
Note
:pulse电流宽度为小于5ms的非重复单脉冲 Pulse Test: Pulse Width = 5.0 ms, Duty Cycle < 10%.
电特性 ElECTRICAL CHARACTERISTIC
热特性 THERMAL CHARACTERISTIC
Parameter
参数
Symbol
符号
Value(min)
最小值
Value(max)
最大值
Unit
单位
热阻
Thermal Resistance Junction Case DPAK
Rth(j-c)
-
8.33
/W
℃
Parameter
参数
Symbol
符号
Value
数字
Unit
单位
集电极
—发射极直流电压 Collector- Emitter Voltage(VBE=0)
VCES
500
V
集电极
—发射极直流电压 Collector- Emitter Voltage(IB=0)
VCEO
400
V
发射极
—基极直流电压 Emitter-Base Voltage
VEBO
5
V
最大集电极直流电流
Collector Current(DC)
IC
1
A
最大集电极脉冲电流
Collector Current(pulse)
ICP
2
A
最大基极直流电流
Base Current(DC)
IB
0.6
A
最大基极脉冲电流
Base Current(pulse)
IBP
1.2
A
最大集电极耗散功率
Total Dissipation DPAK
PC
15
W
最高结温
Junction Temperature
Tj
150
℃
贮存温度
Storage Temperature
Tstg
-55~+150
℃
Parameter
参数
Tests conditions
测试条件
Value(min)
最小值
Value(typ)
典型值
Value(max)
最大值
Unit
单位
V(BR)CEO
IC=10mA,IB=0
400
-
-
V
V(BR)CBO
IC=1mA,IE=0
500
-
-
V
V(BR)EBO
IE=1mA,IC=0
5
-
-
V
ICBO
VCB=500V, IE=0
-
-
100
μA
ICEO
VCE=300V,IB=0
-
-
100
μA
IEBO
VEB=5V, IC=0
-
-
10
μA
Hfe(1)
VCE =10V, IC=300mA
30
150
Hfe(2)
VCE =10V, IC=1A
10
-
-
VCE(sat)
IC=1A, IB=0.2A
-
-
1.0
V
VBE(sat)
IC=1A, IB=0.2A
-
-
1.5
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com