Electronic Components Datasheet Search
  English  ▼

X  

MRF24XA Datasheet(PDF) 21 Page - Microchip Technology

Part # MRF24XA
Description  Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24XA Datasheet(HTML) 21 Page - Microchip Technology

Back Button MRF24XA Datasheet HTML 17Page - Microchip Technology MRF24XA Datasheet HTML 18Page - Microchip Technology MRF24XA Datasheet HTML 19Page - Microchip Technology MRF24XA Datasheet HTML 20Page - Microchip Technology MRF24XA Datasheet HTML 21Page - Microchip Technology MRF24XA Datasheet HTML 22Page - Microchip Technology MRF24XA Datasheet HTML 23Page - Microchip Technology MRF24XA Datasheet HTML 24Page - Microchip Technology MRF24XA Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 258 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS70005023C-page 21
MRF24XA
REGISTER 2-4:
PIR2 (PERIPHERAL INTERRUPT REGISTER 2)
ADDRESS: 0x05
R/W/HS/HC-0 R/W/HS/HC-0 R/W/HS/HC-0 R/W/HS/HC-0 R/W/HS/HC-0 R/W/HS/HC-0 R/W/HS/HC-0 R/W/HS/HC-0
TXIF
TXENCIF
TXMAIF
TXACKIF
TXCSMAIF
TXSZIF
TXOVFIF
FRMIF
bit 7
bit 0
Legend: R = Readable bit W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
r = Reserved
HC = Hardware Clear
HS = Hardware Set
bit 7
TXIF: Transmission Done Interrupt Flag bit
The current TX operation (TXST) is successfully completed. This event is unchanged when a hardware
generated ACK packet completed the transmission or when a packet is repeated. Nonpersistent,
cleared by SPI read.
bit 6
TXENCIF: Transmit Encryption Interrupt Flag bit
The TX packet is successfully encrypted or complemented, or both with a Message Integrity Code
(MIC). Set by the device after TXENC = 1, when TXENC is cleared. Nonpersistent, cleared by SPI read.
bit 5
TXMAIF: Transmitter Medium Access Interrupt Flag bit
Set by the device when the medium is accessed specifically when the first sample in the preamble is
transmitted into the air. Nonpersistent, cleared by SPI read.
bit 4
TXACKIF: Transmission Unacknowledged Failure Interrupt Flag bit
Set by the device when Acknowledge is not received after the configured maximum number of trans-
mission retries RETXMCNT<3:0>, provided that the Frame Control field of the transmitted frame
indicates AckReq = 1. Nonpersistent, cleared by SPI read.
bit 3
TXCSMAIF: Transmitter CSMA Failure Interrupt Flag bit
Set by the device when CSMA-CA finds the channel busy for BOMCNT<2:0> number of times, provided
that CSMAEN = 1 is configured. Nonpersistent, cleared by SPI read.
bit 2
TXSZIF: Transmit Packet Size Error Interrupt Flag bit
Set by the device if TX packet size (first byte of the TX buffer) is found to be zero or greater than the
maximum size that the buffer can support. Automatic size check is performed after TXST is set by the
user. Please note that the device may modify the packet length after CRC or MIC calculation. Nonper-
sistent, cleared by SPI read.
bit 1
TXOVFIF: Transmitter Overflow Interrupt Flag bit
The Host Controller attempted to write a TX buffer that was not empty (TXBUFEMPTY = 0).
Nonpersistent, cleared by SPI read.
bit 0
FRMIF: Frame Format Error Interrupt Flag bit
Set if the transmitter/receiver fails to parse the frame in the buffer (it is not as it must be or it is
corrupted in demodulation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com