Electronic Components Datasheet Search
  English  ▼

X  

MRF24XA Datasheet(PDF) 36 Page - Microchip Technology

Part # MRF24XA
Description  Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24XA Datasheet(HTML) 36 Page - Microchip Technology

Back Button MRF24XA Datasheet HTML 32Page - Microchip Technology MRF24XA Datasheet HTML 33Page - Microchip Technology MRF24XA Datasheet HTML 34Page - Microchip Technology MRF24XA Datasheet HTML 35Page - Microchip Technology MRF24XA Datasheet HTML 36Page - Microchip Technology MRF24XA Datasheet HTML 37Page - Microchip Technology MRF24XA Datasheet HTML 38Page - Microchip Technology MRF24XA Datasheet HTML 39Page - Microchip Technology MRF24XA Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 258 page
background image
MRF24XA
DS70005023C-page 36
Preliminary
 2015 Microchip Technology Inc.
bit 4
TXBUFEMPTY: TX Buffer Empty bit
TXBUFEMPTY = 1 indicates that the Host MCU can safely start writing a new frame to the buffer with-
out overwriting any content that is in use. Writing a single byte to the buffer clears this bit.
TXBUFEMPTY = 0 does not prevent the host from writing further bytes to the buffer. TXBUFEMPTY
is set by the device when transmission is complete.
1 = MCU can safely start writing a new frame to the buffer
0 = Buffer is full, or being written to
When TRXMODE = 00:
Packet mode is configured then TXBUFEMPTY is set at the same time as TXST is cleared and an
interrupt is generated. Therefore, this bit provides no extra information.
When TRXMODE = 10:
TX-Streaming mode is configured then TXBUFEMPTY is set at the same time as one of the buffers
becomes free, while TXST may be set. Therefore, the host MCU uses TXBUFEMPTY to ensure that
the next frame starts loading to the buffers, without overwriting a packet being sent (TXOVFIF).
bit 3
CSMAEN: CSMA-CA Enable bit
This bit enables CSMA-CA algorithm before transmission.
1 = CSMA-CA enabled
0 = CSMA-CA disabled
bit 2-0
DR<2:0>: Transmit Data Rate Field bits
111 = Reserved
110 = 2 Mbps
101 = 1 Mbps
100 = 500 kbps
011 = 250 kbps
010 = 125 kbps
001 = Reserved
000 = Reserved
When transmitting an Auto-ACK frame with Adaptive Data Rate in response to a received frame, the
AckDataRate field in the received frame automatically determines the data rate of the PHY, and not
by this Register field. In all other cases, use this Register field as the current PHY data rate when
transmitting.
The PHY automatically determines the data rate for all received frames regardless of this Register
field and the Adaptive Data Rate Configuration. For more information, refer to Register 2-43.
Note 1: Transmission may include automatic security processing, CRC appending, CSMA-CA channel access,
Acknowledge reception and retransmissions depending on the register Configuration and the Frame Con-
trol field of the frame to be transmitted.
2: DTSM has no relevance in reception as the host can always reconfigure the security material before set-
ting RXDEC.
REGISTER 2-17:
TXCON (TRANSMIT CONTROL REGISTER) (CONTINUED)
ADDRESS: 0x12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com