Electronic Components Datasheet Search
  English  ▼

X  

161CMQ Datasheet(PDF) 2 Page - International Rectifier

Part # 161CMQ
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

161CMQ Datasheet(HTML) 2 Page - International Rectifier

  161CMQ Datasheet HTML 1Page - International Rectifier 161CMQ Datasheet HTML 2Page - International Rectifier 161CMQ Datasheet HTML 3Page - International Rectifier 161CMQ Datasheet HTML 4Page - International Rectifier 161CMQ Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
161CMQ... Series
2
Bulletin PD-2.174 rev. C 05/02
www.irf.com
Part number
161CMQ030 161CMQ035 161CMQ040 161CMQ045 161CMQ050
V
R
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
T
J
Max. Junction Temperature Range
-55 to 175
°C
T
stg
Max. Storage Temperature Range
-55 to 175
°C
R
thJC Max. Thermal Resistance Junction
1.0
°C/W DCoperation
* See Fig. 4
to Case (Per Leg)
R
thJC Max. Thermal Resistance Junction
0.50
°C/W DCoperation
to Case (Per Package)
R
thCS Typical Thermal Resistance, Case
0.10
°C/W Mounting surface , smooth and greased
to Heatsink
wt
Approximate Weight
58 (2.0)
g(oz.)
T
MountingTorque
Min.
40 (35)
Max.
58 (50)
CaseStyle
TO - 249AA
JEDEC
Thermal-Mechanical Specifications
Kg-cm
(Ibf-in)
V
FM
Max. Forward Voltage Drop
0.71
V
@ 80A
(Per Leg) * See Fig. 1
(1)
0.88
V
@ 160A
0.63
V
@ 80A
0.79
V
@ 160A
I
RM
Max. Reverse Leakage Current
5
mA
T
J =
25 °C
(Per Leg) * See Fig. 2
(1)
45
mA
T
J = 125 °C
C
T
Max. Junction Capacitance (Per Leg)
2600
pF
V
R = 5VDC, (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
8.0
nH
Measured from terminal hole to terminal hole
dv/dt Max. Voltage Rate of Change
10000
V/ µs
(Rated V
R)
T
J =
25 °C
T
J = 125 °C
Electrical Specifications
(1) Pulse Width < 300µs, Duty Cycle <2%
V
R = rated VR
Absolute Maximum Ratings
Following any rated
load condition and with
rated V
RRM applied
Parameters
161CMQ Units
Conditions
I
F(AV) Max. Average Forward Current
160
A
50% duty cycle @ T
C = 101 °C, rectangular wave form
* See Fig. 5
I
FSM
Max.PeakOneCycleNon-Repetitive
11,500
5µs Sine or 3µs Rect. pulse
Surge Current (Per Leg) * See Fig. 7
900
10ms Sine or 6ms Rect. pulse
E
AS
Non-RepetitiveAvalancheEnergy
108
mJ
T
J = 25 °C, IAS = 16 Amps, L = 0.84 mH
(Per Leg)
I
AR
RepetitiveAvalancheCurrent
16
A
Currentdecayinglinearlytozeroin1µsec
(Per Leg)
Frequency limited by T
J max. VA = 1.5 x VR typical
A
Parameters
161CMQ Units
Conditions
Parameters
161CMQ Units
Conditions
Voltage Ratings
30
35
40
45
50



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com