Electronic Components Datasheet Search
  English  ▼

X  

161CMQ Datasheet(PDF) 1 Page - International Rectifier

Part # 161CMQ
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

161CMQ Datasheet(HTML) 1 Page - International Rectifier

  161CMQ Datasheet HTML 1Page - International Rectifier 161CMQ Datasheet HTML 2Page - International Rectifier 161CMQ Datasheet HTML 3Page - International Rectifier 161CMQ Datasheet HTML 4Page - International Rectifier 161CMQ Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
I
F(AV) Rectangular
160
A
waveform
V
RRM range
30 to 50
V
I
FSM @ tp = 5 µs sine
11,500
A
V
F
@80 Apk, T
J = 125°C
0.63
V
(per leg)
T
J
range
- 55 to 175
°C
Characteristics
161CMQ... Units
Major Ratings and Characteristics
SCHOTTKY RECTIFIER
160 Amp
161CMQ... SERIES
Bulletin PD-2.174 rev. C 05/02
The 161CMQ isolated center tap Schottky rectifier module
series has been optimized for low reverse leakage at high
temperature. The proprietary barrier technology allows for
reliable operation up to 175° C junction temperature. Typical
applications are in switching power supplies, converters, free-
wheeling diodes, and reverse battery protection.
175° C T
J operation
Isolated heatsink
Center tap module
Multiple leads per terminal for high frequency, high current
PC board mounting
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Low profile, high current package
Description/ Features
www.irf.com
1
TO-249AA
Outline D-60 (Modified JEDEC TO-249AA)
Dimensions in millimeters and (inches)
161CMQ050
Anode
(Isolated Base)
Anode
Common
Cathode
12
1
2
3


Similar Part No. - 161CMQ

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
161CMQ SMC-161CMQ Datasheet
211Kb / 4P
SCHOTTKY RECTIFIER
logo
New Jersey Semi-Conduct...
161CMQ NJSEMI-161CMQ Datasheet
141Kb / 2P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
161CMQ SMCDIODE-161CMQ Datasheet
337Kb / 5P
SCHOTTKY RECTIFIER Features
Rev. B
logo
New Jersey Semi-Conduct...
161CMQ030 NJSEMI-161CMQ030 Datasheet
141Kb / 2P
SCHOTTKY RECTIFIER
161CMQ035 NJSEMI-161CMQ035 Datasheet
141Kb / 2P
SCHOTTKY RECTIFIER
More results

Similar Description - 161CMQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com