Electronic Components Datasheet Search
  English  ▼

X  

PE4451 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4451
Description  TNC Male Right Angle Connector Crimp/Crimp Attachment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4451 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4451 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4451 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4451 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE4451 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Mechanical Specifications
Size
Length
1.35 in [34.29 mm]
Width/Dia.
0.571 in [14.50 mm]
Height
1.146 in [29.11 mm]
.
Weight
0.068 lbs [30.84 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
30 µin minimum
Insulation
PTFE
Body
Brass
Nickel
100 µin minimum
Coupling Nut
Brass
Nickel
100 µin minimum
.
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
PE4451 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male Right Angle Connector Crimp/Crimp Attachment for RG58, RG303, RG141, PE-
C195, PE-P195, LMR-195, 0.195 inch PE4451
RF Connectors Technical Data Sheet
PE4451
TNC Male Right Angle Connector Crimp/Crimp Attachment for
RG58, RG303, RG141, PE-C195, PE-P195, LMR-195, 0.195 inch



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com