Electronic Components Datasheet Search
  English  ▼

X  

PE4451 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4451
Description  TNC Male Right Angle Connector Crimp/Crimp Attachment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4451 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4451 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4451 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4451 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE4451 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• TNC Male Connector
• MIL-STD-348A
• 50 Ohms
• Right Angle Body Geometry
• RG58, RG303, RG141, PE-C195, PE-P195, LMR-
195, 0.195 inch Interface Type
• Crimp/Crimp Attachment
Features
• Max. Operating Frequency 11 GHz
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4451 TNC male right angle connector with crimp/crimp attachment for RG58, RG303, RG141, PE-C195,
PE-P195, LMR-195 and 0.195 inch is part of our full line of RF components available for same-day shipping. Our TNC male
connector operates up to a maximum frequency of 11 GHz. Its right angle body geometry allows for easier connections in tight
spaces.
Our TNC male right angle connector PE4451 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
11
GHz
Operating Voltage (AC)
500
Vrms
.
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 3
GHz
VSWR, Max
1.35:1
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male Right Angle Connector Crimp/Crimp Attachment for RG58, RG303, RG141, PE-
C195, PE-P195, LMR-195, 0.195 inch PE4451
PE4451 REV 1.2
TNC Male Right Angle Connector Crimp/Crimp Attachment for
RG58, RG303, RG141, PE-C195, PE-P195, LMR-195, 0.195 inch
RF Connectors Technical Data Sheet
PE4451


Similar Part No. - PE4451

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4451 PASTERNACK-PE4451 Datasheet
297Kb / 3P
TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE44510 PASTERNACK-PE44510 Datasheet
202Kb / 2P
QMA Female Connector Solder Attachment Surface Mount PCB
PE44511 PASTERNACK-PE44511 Datasheet
209Kb / 2P
QMA Female Right Angle Connector Solder Attachment Surface Mount PCB
PE44512 PASTERNACK-PE44512 Datasheet
206Kb / 2P
QMA Female Connector Solder Attachment Thru Hole PCB
PE44513 PASTERNACK-PE44513 Datasheet
292Kb / 2P
QMA Female Right Angle Connector Solder Attachment Thru Hole PCB
More results

Similar Description - PE4451

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4451 PASTERNACK-PE4451 Datasheet
297Kb / 3P
TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4047 PASTERNACK-PE4047_16 Datasheet
354Kb / 3P
TNC Male Connector Crimp/Crimp Attachment
PE4071 PASTERNACK-PE4071_17 Datasheet
371Kb / 3P
TNC Male Connector Crimp/Solder Attachment
PE4156 PASTERNACK-PE4156_16 Datasheet
358Kb / 3P
TNC Male Connector Crimp/Solder Attachment
PE4298 PASTERNACK-PE4298_16 Datasheet
380Kb / 3P
BNC Male Right Angle Connector Crimp/Crimp Attachment
PE4302 PASTERNACK-PE4302 Datasheet
410Kb / 3P
TNC Male Connector Crimp/Crimp Attachment
PE4446 PASTERNACK-PE4446_16 Datasheet
307Kb / 3P
TNC Male Connector Crimp/Solder Attachment
PE4450 PASTERNACK-PE4450_16 Datasheet
377Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE4453 PASTERNACK-PE4453_16 Datasheet
318Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE4455 PASTERNACK-PE4455_16 Datasheet
320Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com