Electronic Components Datasheet Search
  English  ▼

X  

SST11CP15 Datasheet(PDF) 6 Page - Microchip Technology

Part # SST11CP15
Description  4.9-5.9 GHz High-Linearity Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST11CP15 Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST11CP15 Datasheet HTML 2Page - Microchip Technology SST11CP15 Datasheet HTML 3Page - Microchip Technology SST11CP15 Datasheet HTML 4Page - Microchip Technology SST11CP15 Datasheet HTML 5Page - Microchip Technology SST11CP15 Datasheet HTML 6Page - Microchip Technology SST11CP15 Datasheet HTML 7Page - Microchip Technology SST11CP15 Datasheet HTML 8Page - Microchip Technology SST11CP15 Datasheet HTML 9Page - Microchip Technology SST11CP15 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
©2013 Silicon Storage Technology, Inc.
DS70005016C
08/13
6
4.9-5.9 GHz High-Linearity Power Amplifier
SST11CP15
Data Sheet
Electrical Specifications
The AC and DC specifications for the power amplifier interface signals. Refer to Table 3 for the DC voltage and
current specifications. Refer to Figures 3 through 12 for the RF performance.
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute
Maximum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these conditions or conditions greater than those defined in the
operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating con-
ditions may affect device reliability.)
Supply Voltage at pins 2, 10, 11, 12 (VCC)................................... -0.3V to +5.5V
DC supply current (ICC) ...................................................... 500mA
Operating Temperature (TA) ............................................. -20ºC to +85ºC
Storage Temperature (TSTG) ........................................... -40ºC to +120ºC
Maximum Junction Temperature (TJ) ............................................ +150ºC
Maximum Output Power...................................................... 27dBm
Surface Mount Solder Reflow Temperature ............................ 260°C for 10 seconds
Table 2: Operating Range
Range
Ambient Temp
VCC
Industrial
-10°C to +85°C
3.3V-5.0V
T2.1 75016
Table 3: DC Electrical Characteristics
Symbol
Parameter
Min.
Typ
Max.
Unit
VCC
Supply Voltage at pins 2, 10, 11, 12
2.7
3.3
5.0
V
ICC
Supply Current @ POUT =18dBm
VCC = 3.3V
220
mA
VCC = 4.2V
240
mA
VCC = 5.0V
290
mA
ICQ
VCC quiescent current
VCC = 3.3V
135
mA
VCC = 4.2V
170
mA
VCC = 5.0V
175
mA
IOFF
Shut down current
1.0
10
µA
VREG
Reference Voltage for recommended application
2.85
V
T3.0 75016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com