Electronic Components Datasheet Search
  English  ▼

X  

SST11CP15 Datasheet(PDF) 12 Page - Microchip Technology

Part # SST11CP15
Description  4.9-5.9 GHz High-Linearity Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST11CP15 Datasheet(HTML) 12 Page - Microchip Technology

Back Button SST11CP15 Datasheet HTML 8Page - Microchip Technology SST11CP15 Datasheet HTML 9Page - Microchip Technology SST11CP15 Datasheet HTML 10Page - Microchip Technology SST11CP15 Datasheet HTML 11Page - Microchip Technology SST11CP15 Datasheet HTML 12Page - Microchip Technology SST11CP15 Datasheet HTML 13Page - Microchip Technology SST11CP15 Datasheet HTML 14Page - Microchip Technology SST11CP15 Datasheet HTML 15Page - Microchip Technology SST11CP15 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
©2013 Silicon Storage Technology, Inc.
DS70005016C
08/13
12
4.9-5.9 GHz High-Linearity Power Amplifier
SST11CP15
Data Sheet
Figure 11:Gain versus Output Power, VCC = 5.0V, VREG = 2.90V
1428 F12.0
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
Output Power (dBm)
Power Gain versus Output Power
4920
5180
5500
5850



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com