Electronic Components Datasheet Search
  English  ▼

X  

BF1208 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BF1208
Description  Dual N-channel dual gate MOSFET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1208 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BF1208 Datasheet HTML 9Page - NXP Semiconductors BF1208 Datasheet HTML 10Page - NXP Semiconductors BF1208 Datasheet HTML 11Page - NXP Semiconductors BF1208 Datasheet HTML 12Page - NXP Semiconductors BF1208 Datasheet HTML 13Page - NXP Semiconductors BF1208 Datasheet HTML 14Page - NXP Semiconductors BF1208 Datasheet HTML 15Page - NXP Semiconductors BF1208 Datasheet HTML 16Page - NXP Semiconductors BF1208 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
9397 750 14254
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 16 March 2005
13 of 22
Philips Semiconductors
BF1208
Dual N-channel dual gate MOSFET
(1) VG2-S =4V.
(2) VG2-S = 3.5 V.
(3) VG2-S =3V.
(4) VG2-S = 2.5 V.
(5) VG2-S =2V.
(6) VG2-S = 1.5 V.
(7) VG2-S =1V.
VDS(B) =5V; VDS(A) =VG1-S(A) =0V; Tj =25 °C.
(1) VG2-S =4V.
(2) VG2-S = 3.5 V.
(3) VG2-S =3V.
(4) VG2-S = 2.5 V.
(5) VG2-S =2V.
(6) VG2-S = 1.5 V.
(7) VG2-S =1V.
VDS(B) =5V; VDS(A) =VG1-S(A) =0V; Tj =25 °C.
Fig 19. Amplifier B: gate1 current as a function of
gate1 voltage; typical values
Fig 20. Amplifier B: forward transfer admittance as a
function of drain current; typical values
VDS(B) =5V; VG2-S =4V; VDS(A) =VG1-S(A) =0V;
Tj =25 °C.
VDS(B) =5V; VG2-S =4V; VDS(A) =VG1-S(A) =0V;
Tj =25 °C; RG1 = 150 kΩ (connected to VGG); see
Figure 3.
Fig 21. Amplifier B: drain current as a function of gate1
current; typical values
Fig 22. Amplifier B: drain current as a function of gate1
supply voltage; typical values
VG1-S (V)
02
1.6
0.8
1.2
0.4
001aaa570
40
60
20
80
100
IG1
(
µA)
0
(1)
(2)
(4)
(6)
(7)
(3)
(5)
ID (mA)
032
24
816
001aaa571
20
10
30
40
yfs
(mS)
0
(1)
(2)
(3)
(4)
(5)
(6)
(7)
IG1 (µA)
050
40
20
30
10
001aaa572
8
16
24
ID
(mA)
0
VGG (V)
05
4
23
1
001aaa573
8
4
12
16
ID
(mA)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com