Electronic Components Datasheet Search
  English  ▼

X  

ASM811 Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM811
Description  4 Pin P Voltage Supervisor with Manual Reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM811 Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM811 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM811 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM811 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM811 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM811 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM811 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM811 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM811 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM811 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ASM811, ASM812
5 of 10
Notice: The information in this document is subject to change without notice
4 Pin µP Voltage Supervisor with Manual Reset
October 2003
rev 1.0
Electrical Characteristics:
Unless otherwise noted, VCC is over the full voltage range, TA = -40°C to 105°C.
Typical values at TA = 25°C, VCC = 5V for L/M/J devices, VCC = 3.3V for T/S devices and VCC = 3V for R devices.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
Input Voltage Range
TA = 0°C to 70°C
TA = -40°C to 105°C
1.1
1.2
5.5
5.5
V
V
ICC
Supply Current (Unloaded)
TA= -40°C to 85°C
TA = -40°C to 85°C
TA = 85°C to 105°C
TA = 85°C to 105°C
VCC < 5.5V, L/M/J
VCC < 3.6V, R/S/T
VCC < 5.5V, L/M/J
VCC < 3.6V, R/S/T
9
6.8
15
10
25
20
µA
VTH
Reset Threshold
L devices
TA = 25°C
TA = -40°C to 85°C
TA = 85°C to 105°C
4.56
4.50
4.40
4.63
4.70
4.75
4.86
V
M devices
TA = 25°C
TA = -40°C to 85°C
TA = 85°C to 105°C
4.31
4.25
4.16
4.38
4.45
4.50
4.56
J devices
TA = 25°C
TA = -40°C to 85°C
TA = 85°C to 105°C
3.93
3.89
3.80
4.00
4.06
4.10
4.20
T devices
TA = 25°C
TA = -40°C to 85°C
TA = 85°C to 105°C
3.04
3.00
2.92
3.08
3.11
3.15
3.23
S devices
TA = 25°C
TA = -40°C to 85°C
TA = 85°C to 105°C
2.89
2.85
2.78
2.93
2.96
3.00
3.08
R devices
TA = 25°C
TA = -40°C to 85°C
TA = 85°C to 105°C
2.59
2.55
2.50
2.63
2.66
2.70
2.76
TCVTH
Reset Threshold Temp.
Coefficient
30
ppm/°C
VCC to Reset Delay
VCC = VTH to (VTH - 125mV),
60
µs
Reset Active Timeout Period
TA = 0°C to 70°C
140
100
240
560
840
ms
TA = -40°C to 105°C
tMR
MR Minimum Pulse Width
10
µs
Notes:
1. Production testing done at TA = 25°C. Over-temperature specifications guaranteed by design only using six sigma design limits.
2. RESET output is active LOW for the ASM811 and RESET output is active HIGH for the ASM812.
3. Glitches of 100ns or less typically will not generate a reset pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com