Electronic Components Datasheet Search
  English  ▼

X  

ASM811 Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # ASM811
Description  4 Pin P Voltage Supervisor with Manual Reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM811 Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button ASM811 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM811 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM811 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM811 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM811 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM811 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM811 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM811 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM811 Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ASM811, ASM812
9 of 10
Notice: The information in this document is subject to change without notice
4 Pin µP Voltage Supervisor with Manual Reset
October 2003
rev 1.0
Ordering Information:
Related Products:
Part Number 1
Reset Threshold (V)
Temperature Range
Pin-Package
Package Marking
(XX Lot Code)
ASM811 ACTIVE LOW RESET
ASM811LEUS-T
4.63
-40°C to +105°C
4-SOT143
SMXX
ASM811MEUS-T
4.38
-40°C to +105°C
4-SOT143
SNXX
ASM811JEUS-T
4.00
-40°C to +105°C
4-SOT143
SOXX
ASM811TEUS-T
3.08
-40°C to +105°C
4-SOT143
SPXX
ASM811SEUS-T
2.93
-40°C to +105°C
4-SOT143
SQXX
ASM811REUS-T
2.63
-40°C to +105°C
4-SOT143
SRXX
ASM812 ACTIVE HIGH RESET
ASM812LEUS-T
4.63
-40°C to +105°C
4-SOT143
SSXX
ASM812MEUS-T
4.38
-40°C to +105°C
4-SOT143
STXX
ASM812JEUS-T
4.00
-40°C to +105°C
4-SOT143
SUXX
ASM812TEUS-T
3.08
-40°C to +105°C
4-SOT143
SVXX
ASM812SEUS-T
2.93
-40°C to +105°C
4-SOT143
SWXX
ASM812REUS-T
2.63
-40°C to +105°C
4-SOT143
SXXX
Notes:
1. Tape and Reel packaging is indicated by the -T designation.
ASM809
ASM810
ASM811
ASM812
Max Supply Current
15µA
15µA
15µA
15µA
Package Pins
3
3
4
4
Manual RESET input
Package Type
SOT - 23
SOT - 23
SOT - 143
SOT - 143
Active-HIGH RESET Output
Active-LOW RESET Output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com