Electronic Components Datasheet Search
  English  ▼

X  

TSM2NB65 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2NB65
Description  Halogen-free according to IEC 61249-2-21
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2NB65 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TSM2NB65 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TSM2NB65
Taiwan Semiconductor
4
Version:B1706
0
0.5
1
1.5
2
0
2
4
6
8
10
0
1
2
3
4
5
6
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
-50
0
50
100
150
0.1
1
10
0
0.2
0.4
0.6
0.8
1
0
0.5
1
1.5
2
0
1
2
3
4
5
0
2
4
6
8
10
0
3
6
9
12
15
CHARACTERISTICS CURVES
(TC = 25°C unless otherwise noted)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
Gate-Source Voltage vs. Gate Charge
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Current vs. Voltage
VGS, Gate to Source Voltage (V)
VDS, Drain to Source Voltage (V)
ID, Drain Current (A)
Qg, Gate Charge (nC)
TJ, Junction Temperature (°C)
VSD, Body Diode Forward Voltage (V)
VGS=4V
VGS=10V
VGS=9V
VGS=8V
VGS=7V
VGS=6V
VGS=5V
150℃
25℃
VGS=10V
VDS=520V
ID=2A
25℃
VGS=10V
ID=1A
150℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com