Electronic Components Datasheet Search
  English  ▼

X  

TSM2NB65 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2NB65
Description  Halogen-free according to IEC 61249-2-21
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2NB65 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSM2NB65 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TSM2NB65
Taiwan Semiconductor
5
Version:B1706
0
100
200
300
400
500
600
700
800
0
5
10
15
20
25
0.4
0.6
0.8
1
1.2
1.4
1.6
-50
0
50
100
150
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
CHARACTERISTICS CURVES
(TC = 25°C unless otherwise noted)
Capacitance vs. Drain-Source Voltage
BVDSS vs. Junction Temperature
Maximum Safe Operating Area (TO-251/252)
Normalized Thermal Transient Impedance, Junction-to-Case (TO-251/252)
t, Square Wave Pulse Duration (sec)
Duty=0.5
Duty=0.2
Duty=0.1
Duty=0.05
Duty=0.02
Duty=0.01
Single pulse
VDS, Drain to Source Voltage (V)
TJ, Junction Temperature (°C)
CISS
COSS
CRSS
ID=250uA
0.01
0.1
1
10
10
100
1000
V
DS, Drain to Source Voltage (V)
R
DS(ON)
SINGLE PULSE
RӨJC=1.9°C/W
TC=25°C
SINGLE PULSE
RӨJC=1.9°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com