Electronic Components Datasheet Search
  English  ▼

X  

C4550 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # C4550
Description  OCXO Surface Mount Package Optional Reflow Process Compatible Optional AT-Cut and SC-Cut Crystal Options Low Profile Compact Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C4550 Datasheet(HTML) 4 Page - Vectron International, Inc

  C4550 Datasheet HTML 1Page - Vectron International, Inc C4550 Datasheet HTML 2Page - Vectron International, Inc C4550 Datasheet HTML 3Page - Vectron International, Inc C4550 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
!
"
# $$$ " $
%
# $$$ " & $" $
'
( %% )%!
%
*
%
+ ) !
,-
.)-
#
$ "
%
#
$
&
'
%!
/
&
01 !2 0
3 !
+
# &
$ $
%
# &
$ $
$
'
!
"
#!!
. % "
& " % 4
! 5 *
6
! $$
7
% !+ 8
!
)
,
7
#$
$& &
%
#$
$& &
'
3
3 !
!
#
6
:
" & +
0
6
; 6
!
6 !
*
!
%
!
%
&
:
(
"
%
" && %
*
3' # &
; *
'
%
7
&
'
())*
$+*,
-*)*
./
!0
0*1***
" & <
$6 !
%
&
6
&
6
(
)
6 !
*
! *
:
(
; *
9 6
9 6 )
7
I7 %
! ) 0
, 01
7
J
I4 0% !+ 3
! %
%
2 !J
23 4 ())*!0"***0
)
:
7 % 0%
0% !+ !
!
% 2 %
!
%
!
0%
%
%
%
0
!
2
%
! G
0
.
% !
% %
!
% !
!
%
!
! % %+ 0 0
%
!
+
%
! G
0+ 0 %!
%
%
! % ! > =7?
" ,
!
%
0!
% % ! G
0+
) 2U 0% % % 0
0
0 %
7 % 0%
0% !+ !
2 %+



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com